Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 12 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 12 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 16Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
FS9721_LP1
Rev. 2.0
11/41
To Adjust by 512.0nF Mode
5.120 μF Mode
1%+2
Counts
51.20 μF Mode
1.5%+2
Counts
*1 In the duty cycle measurement, we have to input square waves. The main error of the
measurement is due to the error of the pulse width that the comparator can resolve. Suppose the
error is 100ns and the input frequency is 100KHz. We can divide the square wave into 1000
segments (1000 counts), and thus each count takes 10 ns. Therefore the maximum error in Duty
Cycle measurement is (100ns/10ns)=10 Counts. 50% duty cycle signal can be measured to
50.0%±1.0%. The signal may not be measured if the duty cycle is more than 99% or less than
1%, and the measurement will display 0.00%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com