Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP1 Datasheet(PDF) 37 Page - Fortune Semiconductor Corp.

Part # FS9721_LP1
Description  4,000 counts auto range DMM IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP1 Datasheet(HTML) 37 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP1 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 35Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 36Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 37Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 38Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 39Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 40Page - Fortune Semiconductor Corp. FS9721_LP1 Datasheet HTML 41Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
FS9721_LP1
Rev. 2.0
38/41
16. Demo Board
1
2
3
4
A
B
C
D
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
Letter
Date:
25-Feb-2002
Sheet
of
File:
D:\Schematic\FS9711_6\9721V1-6.sch
Drawn By:
COM2
81
COM3
82
COM4
83
ENTX
84
BEEPER
85
BLOUT
86
RST
87
N.C.
88
REFI
89
REFO
90
FTA
91
N.C.
92
FTB
93
FTC
94
TSTC
95
OPIN
96
N.C.
97
OP1O
98
N.C.
99
OP2P
100
SELECT
31
RANGE
32
REL
33
HZ/DUTY
34
HOLD
35
CAP
36
MEA4
37
MEA3
38
MEA2
39
MEA1
40
LCDC1
41
LCDC2
42
TSTA
43
VSS
44
N.C.
45
AGND
46
N.C.
47
VDD
48
N.C.
49
N.C.
50
FS9721_LP1
U1
FS9711G/I
U2
4M Hz
R1
1M
R4
200K
C1
10uF
C2
10uF
R5
100k
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SW1
SW DIP-8
S1
SW-PB
S2
SW-PB
S3
SW-PB
S4
SW-PB
S5
SW-PB
1
2
4
3
SW2
SW DIP-2
+ C4
10uF
VDD
C5
47nF
R11
10M
R12
1K
R13
R14
R15
R18
VR1
R6
C6
R19
900K
R7
100K
R16
10K
J1
OHM/CAP/DIODE
J2
DCV/ACV
J3
DCmV/OHM/CAP/Diode
COM1 U5
B1
BUZZER
R8
100K
C10
10nF
VDD
R20
40K
R22
20K
VR2
VR10K
R23
500K
C7
27nF
R24 90K
R17
10K
VR3
VR2K
R25
28.5K
R26
22K
R27
22K
D1
1N914
D2
1N914
R9
100K
R10
100K
C8
27nF
C9
27nF
BLOUT
FS9721 DESIGN KIT
COM3
COM4
COM5
C3
ENTX
ENTX
R21
40K
U3
SW-SPDT
UB1
3V BATTERY
ADP/ADP1
U6
R3
1M
J4 Hz
ADP2
VR4
40k
L1
DioS
RSO1
3K
VDD
TXD
RS232 ENABLE
AC GAIN
L2
DioR
port1
DB9M
1
2
4
3
SW3
SW DIP-2
U4
V/OHM/Diode/CAP
C11
10uF
R28
180
1
2
L3
LED
VREF
TEMP GAIN
R29
220
S6
SW-PB
HZ/DUTY
HOLD
REL
RANGE
SELECT
BLCTR
SELECT
J5
hFE Input
J6
ADP Input
ADP
J7
ADP2 Input
ADP2
J8
JMP1
J9
Temp1
J10
Temp2
+
C12
10uF
TSTB
TSTB
ADP2
U7
+
C13
10uF
R2
0.1uF
C?
0.47uF
C?
0.47uF
Diagram 38 Demo Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com