Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 13Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 14Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 15Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 16Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 17Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 18Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 19Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 20Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 17 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
2.3
Clock and Reset Generation
2.3.1
Clock
MT7697 connects to the XTAL or external clock source as the single clock source of the whole system.
The XTAL oscillator can support the XTAL frequencies from among 40, 26, and 52MHz.
XTAL
oscillator
f = 40/
26/52MHz
PLL1
DIV
PLL2
DIV 1
DIV 3
DIV 12
WF_RXADC_CLK
80MHz
WF_TXDAC_CLK
960MHz
WF_DIG_CLK
320MHz
32MHz
960MHz
DIV 5
SPI CLOCK
FLASH CLOCK
I2C CLOCK
UART CLOCK
XPLL (Audio Frac-N)
±1% (0.01% granularity)
I2S_MCLK
16MHz
AUXADC CLOCK
PWM CLOCK
DIV 13
2-32 step 0.5
1-160MHz
1-192MHz
832MHz
640MHz
RF PLL
WF RF
DIV 5
2-32 step 0.5
XTAL CLOCK
DIV
PMU
BGCLK
(25KHz)
F32K CLOCK
2MHz
0
0
0
0
1
1
DIV
DIV options:
480, 240, 120, 60,
30, 20, 15, 12, 10
9.6, 19.2, 38.4, 115.2KHz
DIV
DIV options: 2708,1354,677,226
DIV
50, 100, 200, 400KHz
DIV options: 520,260,130,65
N9 CLOCK
160MHz
DIV 8
DIV 794
CM4 CLOCK
192MHz
120MHz
250, 500KHz
1, 2, 4, 6, 8, 10, 12MHz
DIV
64MHz
DIV
16MHz
RF power domain
AON power domain
CM4 power domain
DIV 2
PMU power domain
830081B4[14:13]
0
1
2
80021114[21:20]
81021170[12:8]
830081B0[2:0]
1
4
1
3
830081B0[15:14]
830081B0[9:4]
81021100[2:0]
1
4
81021100[9:4]
830081B4[7:3]
1-32 step 1
0
1
3
81021100[15:14]
81021100[17:16]
81021100[31:21]
2
830081B4[17]
830081B4[23:19]
24000028[27:16]
830B0000[27:24]
2
830081B4[12:8]
8300A600[2:1]
2
0
83090244[15:0] 83090248[15:0]
830A0244[15:0]830A0248[15:0]
Figure 2-3. Clock Generation Block Diagram
PLL1 is used to generate the clock sources for Bluetooth and PLL2.
PLL2 is used to generate the clock sources for Wi-Fi, N9 core, Cortex M4 core, and bus fabric.
XPLL is used to generate the clock sources for I2S (for external audio CODEC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com