Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 58Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 59Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 60Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 61Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 62Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 63Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 64Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 65Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 62 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
C/I IMAGE CHANNEL (BER<0.1%)
Π/4 DQPSK
-
-40
-7
DB
8PSK
-
-36
0
DB
C/I IMAGE 1MHZ (BER<0.1%)
Π/4 DQPSK
-
-43
-20
DB
8PSK
-
-40
-13
DB
3.2.5
Enhanced Data Rate Transmitter Specifications
The specifications in table below are measured at the antenna port, which includes the front-end
loss.
PARAMETER
DESCRIPTION
PERFORMANCE
MIN
TYP
MAX
UNIT
Frequency range
2402
-
2480
MHz
Maximum transmit
power1
π/4 DQPSK
-
7
-
dBm
8PSK
-
7
-
dBm
Relative transmit
power
π/4 DQPSK
-4
-1.5
1
dB
8PSK
-4
-1.5
1
dB
Frequency stability
maximum carrier frequency
stability, ωo
π/4 DQPSK
-10
± 4
10
KHz
8PSK
-10
± 4
10
KHz
maximum carrier frequency
stability, ωi
π/4 DQPSK
-75
± 20
75
KHz
8PSK
-75
± 20
75
KHz
maximum carrier frequency
stability, |ωo + ωi|
π/4 DQPSK
-75
± 20
75
KHz
8PSK
-75
± 20
75
KHz
Modulation
accuracy
RMS DEVM
π/4 DQPSK
-20
± 9
30
%
8PSK
-13
± 9
20
%
99% DEVM
π/4 DQPSK
-30
± 15
-
%
8PSK
-20
± 12
-
%
Peak DEVM
π/4 DQPSK
-35
± 28
35
%
8PSK
-25
± 21
25
%
In-Band
±1MHz offset
π/4 DQPSK
-
-30
-26
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com