Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 3Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 4Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 5Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 6Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 7Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 8Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 9Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 10Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 7 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Table 4-2. Recommended Operating Range .........................................................................................65
Table 4-3. DC Characteristics................................................................................................................. 65
Table 4-4. XTAL Oscillator Requirements ..............................................................................................66
Table 4-5. PMU Electrical Characteristics..............................................................................................66
Table 4-6. Auxiliary ADC Specifications ................................................................................................67
Table 4-7. Thermal Characteristics........................................................................................................ 69
Table 5-1. Pin Map ................................................................................................................................ 70
Table 5-2. Pin Descriptions.................................................................................................................... 71
Table 5-3. Pin Multiplexing.................................................................................................................... 73
Table 5-4. Boostrap Option– Flash Access Mode..................................................................................78
Table 5-5. Bootstrap Option – XTAL Clock Mode ..................................................................................79
Table 5-6. Bootstrap Option – 32KHz Clock Mode................................................................................79
Table 5-7. Bookstrap Option — Chip Mode ..........................................................................................79
Table 5-8. Ordering Information ........................................................................................................... 80
List of Figures
Figure 1-1. System-on-Chip Block Diagram...........................................................................................11
Figure 2-1. Chip Power Block Diagram.................................................................................................. 12
Figure 2-2. MT7697 Power State........................................................................................................... 14
Figure 2-3. Clock Generation Block Diagram.........................................................................................17
Figure 2-4. Clock Domains in N9 and CM4 Peripherals.........................................................................19
Figure 2-5. Reset Structure ................................................................................................................... 20
Figure 2-6. CM4 Subsystem – Bus Fabric ..............................................................................................22
Figure 2-7. Virtual FIFO Concept ........................................................................................................... 24
Figure 2-8. PMU Power-on Sequence ................................................................................................... 30
Figure 2-9. WDT Structure .................................................................................................................... 31
Figure 2-10. Sleep/Wakeup Sequence ................................................................................................. 32
Figure 2-11. AGPIO/GPIO Block Diagram (Left: AGPIO; Right: GPIO)....................................................39
Figure 2-12. AGPIO Configured as Output Multiplexing ......................................................................40
Figure 2-13. AGPIO Configured as Input Multiplexing ..........................................................................41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com