Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 45Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 46Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 47Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 48Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 49Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 50Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 51Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 52Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 49 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Start address
End address
Function
Description
0x0200_0000
0x0200_021C
Patch & CR
N9 ROM patch engine
0x0209_0000
0x020C_1FFF
DLM RAM
Data local memory for N9
0x0040_0000
0x0040_CFFF
SYSRAM N9
System RAM for N9
0x2000_0000
0x2003_FFFF
SYSRAM CM4
System RAM for CM4 (256KB)
0x2100_0000
0x2100_FFFF
SPI-S
SPI slave
0x2200_0000
0x2200_FFFF
I2S/Audio
I2S
0x2400_0000
0x2400_FFFF
(Reserved)
0x3000_0000
0x3FFF_FFFF
Serial Flash CM4
Serial flash controller of CM4
0x5000_0000
0x501F_FFFF
HIF_device
Host interface device controller
0x5020_0000
0x502F_FFFF
HIF_host_CM4
Host interface host controller
of Wi-Fi radio
0x6000_0000
0x6FFF_FFFF
WIFISYS
Wi-Fi subsystem
0x7000_0000
0x70FF_FFFF
PDA DMA port
Patch Decryption Accelerator
DMA slave
0x7800_0000
0x7800_0000
VFF access port0
Virtual FIFO access port 0 of N9
DMA
0x7800_0100
0x7800_0100
VFF access port1
Virtual FIFO access port 1 of N9
DMA
0x7900_0000
0x7900_FFFF
VFF_CM4 access
port
Virtual FIFO access ports of
CM4 DMA
0x8000_0000
0x800C_FFFF
APB0
APB bridge 0 (synchronous to
N9)
0x8000_0000
0x8000_FFFF
CONFG
N9 subsystem configuration
0x8001_0000
0x8001_FFFF
DMA
Generic DMA engine for N9
0x8002_0000
0x8002_FFFF
TOP_CFG_OFF
TOP_OFF(N9) power domain
chip level configuration (GPIO,
PINMUX, RF, PLL, CLK control)
0x8003_0000
0x8003_FFFF
UART/BTIF
UART or Bluetooth host
interface for N9
0x8005_0000
0x8005_FFFF
UART_PTA
Inter-chip communication for
PTA
0x8008_0000
0x8008_FFFF
AHB_MON
AHB bus monitor
0x8009_0000
0x8009_FFFF
ACCLR
Bluetooth audio Packet Loss
Concealment accelerator
0x800A_0000
0x800A_FFFF
UART_DSN
UART for N9 debug
0x800B_0000
0x800B_FFFF
SEC
Secure boot configuration
0x800C_0000
0x800C_FFFF
HIF
Host interface configuration
0x8100_0000
0x810C_FFFF
APB1
APB bridge 1 (synchronous to
N9)
0x8100_0000
0x8100_FFFF
BTSYS
Bluetooth subsystem
0x8102_0000
0x8102_FFFF
TOP_CFG_AON
TOP_AON power domain chip
level configuration (RGU,
PINMUX, PMU, XTAL, CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com