Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 36Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 37Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 38Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 39Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 40Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 41Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 42Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 43Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 40 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Function-[9:1]-AON and Function-[9:0] can all be output to PINX by setting pinx_pinmux_aon_sel and
pinx_pinmux_off_sel, as shown in Figure 2-12 below. Function-[9:1]-AON signals are part of
TOP_AON domain and Function-[9:0] signals are part of TOP_OFF (N9) domain. The output of the
pad is enabled through E and G pad controls which require 2’b11 for digital output mode.
For a specific pin there could be only a limited number of functions available, these functions are
mapped anywhere to the different inputs of the muxes (not always in an incremental scheme).
TOP_AON domain means the circuit is always powered on when PMU supplies the power. TOP_OFF
(N9) domain means the N9 related circuit is powered off in some scenarios when PMU supplies the
power.
PU
PD
IO
E
G
O
AIO_ANALOG_DONT_TOUCH
Logic 1
->Switch on
0
1
pinx_pinmux_aon_sel
pinx_pinmux_off_sel
Function 0 (O)
Function 1 AON (O)
PAD_PINX
Function 1 (O)
Function 2 (O)
Function 9 (O)
2
Function 2 AON (O)
0
1
2
9
I
PINX
1'b1
1'b1
TOP_OFF(N9) domain
TOP_AON domain
ISO
Function 9 AON (O)
9
Figure 2-12. AGPIO Configured as Output Multiplexing
Input Signal Multiplexing
Figure 2-13 below shows that PINX is the source of Function-AON-0, while PINX and PINY can both
be the input source for Function-1. The (E, G) setting for both IO is 2’b01 for digital input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com