Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 57Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 58Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 59Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 60Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 61Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 62Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 63Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 64Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 61 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
PARAMETER
DESCRIPTION
PERFORMANCE
MIN
TYP
MAX
UNIT
ICFT
Initial carrier frequency tolerance
-75
±20
+75
KHz
Carrier frequency
drift
One slot packet (DH1)
-25
±15
+25
KHz
Two slot packet (DH3)
-40
±15
+40
KHz
Five slot packet (DH5)
-40
±15
+40
KHz
Max drift rate
-20
±15
20
KHz/50μs
TX output spectrum
20dB bandwidth
-
-
1000
KHz
In-Band spurious
emission
±2MHz offset
-
-40
-20
dBm
±3MHz offset
-
-45
-40
dBm
>±3MHz offset
-
-45
-40
dBm
Note 1: The output power is measured at the antenna port.
3.2.4
Enhanced Data Rate Receiver Specifications
The specifications in table below are measured at the antenna port, which includes the front-end
loss.
Table 3-4. Enhanced Data Rate Receiver Specifications
PARAMETER
DESCRIPTION
PERFORMANCE
MIN
TYP
MAX
UNIT
FREQUENCY RANGE
2402
-
2480
MHZ
RECEIVER SENSITIVITY
(BER<0.01%)
Π/4 DQPSK
-
-91
-
DBM
8PSK
-
-85
-
DBM
MAXIMUM USABLE SIGNAL
(BER<0.1%)
Π/4 DQPSK
-
-5
-
DBM
8PSK
-
-5
-
DBM
C/I CO-CHANNEL (BER<0.1%)
Π/4 DQPSK
-
9
13
DB
8PSK
-
15
21
DB
C/I 1MHZ (BER<0.1%)
Π/4 DQPSK
-
-5
0
DB
8PSK
-
-5
5
DB
C/I 2MHZ (BER<0.1%)
Π/4 DQPSK
-
9
-30
DB
8PSK
-
15
-25
DB
C/I≥3MHZ (BER<0.1%)
Π/4 DQPSK
-
-12
-40
DB
8PSK
-
-6
-33
DB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com