Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 62Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 63Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 64Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 65Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 66Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 67Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 68Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 69Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 66 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Symbol Parameter
Conditions
MIN
MAX
Unit
VOL
Output Low Voltage
|IOL| = 4~16 mA
-0.28
0.4
V
VOH
Output High Voltage
|IOH| = 4~16 mA
2.4
VDD33+0.33 V
RPU
Input Pull-Up Resistance
PU=high, PD=low
40
190
KΩ
RPD
Input Pull-Down Resistance
PU=low, PD=high
40
190
KΩ
4.4
XTAL Oscillator
The table below lists the XTAL requirements for the XTAL.
Table 4-4. XTAL Oscillator Requirements
Parameter
Value
Frequency
26, 40, 52MHz.
Frequency stability ±10 ppm @ 25℃
Aging
±3 ppm/year
4.5
PMU Characteristics
Table 4-5. PMU Electrical Characteristics
Parameter
Reference
Conditions
Min
Typ
Max
Unit
Switching regulator (BUCK)
Vin
Input Voltage
AVDD45_BUCK
2.97
3.3
3.63
V
Vout
Output Voltage
LXBK
Switching operation
1.6
1.7
1.8
V
Deep Sleep mode, SLDO-H
enabled
1.8
V
Iout
Output Current
Switching operation
800
mA
Deep Sleep mode, SLDO-H
enabled
10
mA
.
Over-current shutdown
960
1600
4000
mA
Iq
Quiescent
Current
Iload < 1mA
150
uA
DC/DC Line Regulation
Iload = 0mA
1
%
Load regulation
Iload = 200-400mA
0.05
mV/mA
Efficiency
Vin = 3.3V, Iload = 400mA
80
85
%
Core LDO (CLDO)
Vin
Input
AVDD16_CLDO
1.6
1.7
1.8
V
Vout
Output Voltage
AVDD12_VCORE
Normal operation
0.86
1.15
1.3
V
Deep Sleep mode, SLDO-L
0.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com