Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 38Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 39Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 40Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 41Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 42Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 43Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 44Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 45Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 42 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
PU
PD
IO
E
G
O
AIO_ANALOG_DONT_TOUCH
Logic 1
->Switch on
I
PINX
Analog function
Function 0
Function 1
Figure 2-14. AGPIO Configured as Input, Output, or Analog Mode
Open Drain Mode
The GPIO can be configured as open drain mode by assigning I=1’b0, G=1’b1 and E=Function-0.
PU
PD
IO
E
G
O
AIO_ANALOG_DONT_TOUCH
Logic 1
->Switch on
I
PINX
1'b1
Function 0
1'b0
Figure 2-15. GPIO Configured as Open Drain Mode
2.5.2
UART Interface
MT7697 has two UART interfaces. The UART has M16C450 and M16550A modes of operation, which
are compatible with a range of standard software drivers.MT7697 supports UART with configurable
BAUD rates from 9.6Kbps, 19.2Kbps, 38.4Kbps, 115.2Kbps, and 921.6Kbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com