Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 73Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 74Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 75Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 76Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 77Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 78Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 79Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 80Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 81Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 77 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 77 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Pin
Pin alias
APGIO/
GPIO
Name
Dir
Default
dir
Default
PU/PD
Description
Pinx_pinmux_aon_sel
Pinx_pinmux_off_sel
ANTSEL[6]
O
RF control
4
4
GPIO_TOPOFF[34]
I/O
General purpose input output
-
5
GPIO_TOPAON[34]
I/O
General purpose input output
8
-
PWM[35]
O
Pulse width modulation
9
-
FRAME_SYNC *
I
3DD synchronization
1
-
BT_LED_B
I/O
LED output
2
-
WIC[6]
I
External interrupt
3
-
55
GPIO35
GPIO
UART_DSN_TXD_N9
O
O
PD
UART DSN TX (N9)
0x8102_3030 [15:12]
0
0x8002_5110 [15:12]
(0x8102_3030 [15:12]=0)
0
UART_DBG_CM4
O
UART DBG TX (CM4)
7
3
GPIO_TOPOFF[35]
I/O
General purpose input output
-
5
GPIO_TOPAON[35]
I/O
General purpose input output
8
-
I2S_TX
O
I2S TX
5
-
PWM[18]
O
Pulse-width-modulated output
9
-
54
GPIO36
GPIO
[Reserved]
[Reserved]
0x8102_3030 [19:16]
-
0x8002_5110 [19:16]
(0x8102_3030 [19:16]=0)
0
S2A_SPI_IN
I
SPI input
-
1
UART1_RX_CM4
I
UART1 RX (CM4)
7
3
GPIO_TOPOFF[36]
I/O
General purpose input output
-
5
GPIO_TOPAON[36]
I/O
General purpose input output
8
-
PWM[19]
O
Pulse-width-modulated output
9
-
UART_RXD_N9
I
I
PU
UART RX (N9)
1
-
WIC[7]
I
External interrupt
3
-
53
GPIO37
GPIO
UART_TXD_N9
O
O
PD
UART TX (N9)
0x8102_3030 [23:20]
0
0x8002_5110 [23:20]
(0x8102_3030 [23:20]=0)
0
UART1_TX_CM4
O
UART1 TX (CM4)
7
3
GPIO_TOPOFF[37]
I/O
General purpose input output
-
5
GPIO_TOPAON]37]
I/O
General purpose input output
8
-
PWM[20]
O
Pulse-width-modulated output
9
-
EINT[20]
I
External interrupt
3
-
52
GPIO38
GPIO
UART_RTS_N9
O
O
PD
UART RTS (N9)
0x8102_3030 [27:24]
0
0x8002_5110 [27:24]
(0x8102_3030 [26:24]=0)
0
PTA_EINT_B
I
Packet traffic arbitration
-
1
IDC_DATA_OUT
O
UART IDC TX (N9)
-
2
UART1_RTS_CM4
O
UART1 RTS (CM4)
7
3
GPIO_TOPOFF[38]
I/O
General purpose input output
-
5
GPIO_TOPAON[38]
I/O
General purpose input output
8
-
PWM[21]
O
Pulse-width-modulated output
9
-
WF_LED_B
I/O
LED output
2
-
EINT[21]
I
External interrupt
3
-
SWD_DIO
I/O
CM4 SWD debug port
6
-
50
GPIO39
GPIO
UART_CTS_N9
I
I
PU
UART CTS (N9)
0x8102_3030 [31:28]
0
0x8002_5110[31:28]
(0x8102_3030 [31:28]=0)
0
PTA_EINT_B
I
Packet traffic arbitration
-
1
IDC_DATA_IN
I
UART IDC RX (N9)
-
2
UART1_CTS_CM4
O
UART1 CTS (CM4)
7
3
[Reserved]
[Reserved]
-
4
GPIO_TOPOFF[39]
I/O
General purpose input output
-
5
GPIO_TOPAON[39]
I/O
General purpose input output
8
-
PWM[22]
O
Pulse-width-modulated output
9
-
PULSE_COUNT *
I
Pulse counter
1
-
BT_LED_B
I/O
LED output
2
-
EINT[22]
I
External interrupt
3
-
SWD_CLK
I
CM4 SWD debug port
6
-
47
GPIO57
AGPIO
PCM_CLK
I/O
PCM interface for Bluetooth
0x8102_303C [7:4]
(0x8102_300C[6]=0)
-
0x8002_511C [7:4]
(0x8102_303C [7:4]=0,
0x8102_300C[6]=0)
0
S2A_SPI_CK
I
-
1
MCU_AICE_TCKC
I
N9 debug
-
2
GPIO_TOPOFF[57]
I/O
General purpose input output
-
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com