Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 28Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 29Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 30Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 31Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 32Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 33Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 34Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 35Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 32 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Cold Reset: Power on reset and both RAM or peripheral devices will be initialized by
firmware.
Warm Reset: CPU is reset but RAM content is still retained (without firmware re-
download). It’s triggered by
o Software reset: Software set WDT reset control register to reset CPU.
o WDT reset: WDT expiration cause CPU to reset if enabled, otherwise interrupt.
o Core reset: Reset by the other CPU (e.g. N9 to reset CM4 or CM4 to reset N9).
o Wake-up from deep sleep mode: Reset by the MTCMOS power control.
2.4.10.4 Sleep/Wakeup sequence
The sleep/wakeup control sequence is shown in the diagram below.
Figure 2-10. Sleep/Wakeup Sequence
2.4.11
Memory Map
The table below describes how the peripherals are mapped to the CM4 memory.
When the MCU performs a read transaction to an undefined address, the bus returns 0. When the
MCU performs a write transaction to an undefined address, the bus regards it as an invalid
transaction and does nothing. The memory space of 0x5040_0000 to 0x5FFF_FFFF is an undefined
region and shall not be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com