Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 27Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 28Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 29Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 30Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 31Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 32Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 33Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 34Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 31 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Step 7: N9 executes from IDLM after PDA completes and CM4 executes from Cache/Flash or
TCM.
2.4.10.2 Watchdog Reset
Watchdog reset WDT_N9 is the watchdog timer for N9, and WDT_CM4 is the watchdog timer for
CM4.
When the WDT event of WDT_N9 occurs, WDT_N9 has the capability to
Reset N9 or issue an interrupt to N9.
Issue an interrupt to CM4 (can be masked by CM4 if it is not required to be received).
When the WDT event of WDT_CM4 occurs, WDT_CM4 has the capability to
Reset whole chip or reset CM4 only or issue an interrupt to CM4.
Issue an interrupt to N9 (can be masked by N9 if it’s not required to be received).
For both WDT_N9 and WDT_CM4, the WDT events can be triggered by time-out and software
programming.
For both WDT_N9 and WDT_CM4, the WDT has the capability to reset the other CPU or issue an
interrupt to the other CPU.
TOP_OFF (N9)
CM4_OFF
CIRQ
WDT_N9
NVIC
WDT_CM4
CM4_SW_RST_B
81080080[0]
N9_SW_RST_B
83080080[0]
PMU
D12: SYS_RST_N
PMU_RST_B
R16: AVDD45_BUCK
CM4_AON_XRESET_RST_B
POR_XRESET_RST_B
SEL: 8300917C[16]
CM4 MTCMOS
power CTRL
CM4_HW_RST_B
N9 RELEASE CM4
81020018[0]
RELEASE_CM4_RST_B
ARM CM4
WIC
CM4
peripherals
AON_XRESET_RST_B
N9
RGU_HRESET_RST_B
N9 MTCMOS
power CTRL
N9_HW_RST_B
N9
peripherals
CM4 to N9 interrupt: 83080080[31:30]
WDT_DUAL_CORE_SW_INTàCIRQ EINT 3
N9_TO_CM4_SW2 ingterrupt: 81080080[31:30]
WDT_DUAL_CORE_SW_INTàINT23
Note:
PMU_RST_B: power-on or over-current protection
CM4_WDT_RST_B: CM4 WDT reset
N9_WDT_RST_B: N9 WDT reset
CM4_AON_
HRESET_RST_B
CM4_RGU_HRESET_RST_B
WDT_N9 interrupt
N9_WDT_RST_BàINT13
81080030[3]
=1?
N9_WDT_RST_B
CIRQ INT10
CIRQ INT22
CIRQ EINT3
Y
N
83080030[3]
=1?
Y
N
INT10
INT13
INT23
Legend:
Reset:
Interrupt:
CM4_WDT_RST_B
Figure 2-9. WDT Structure
2.4.10.3 Reset Scenarios
The definitions of the cold reset and the warm reset are shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com