Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 46Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 47Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 48Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 49Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 50Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 51Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 52Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 53Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 50 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Start address
End address
Function
Description
control)
0x8103_0000
0x8103_FFFF
DBG_CIRQ
Debug interrupt controller for
N9
0x8104_0000
0x8104_FFFF
CIRQ
Interrupt controller for N9
0x8105_8000
0x8105_FFFF
GPT
General Purpose Timer for N9
0x8106_0000
0x8106_FFFF
PTA
Packet Traffic Arbitrator for Wi-
Fi/Bluetooth coexistence
0x8107_0000
0x8107_FFFF
EFUSE
Efuse controller
0x8108_0000
0x8108_FFFF
WDT
Watchdog Timer for N9
0x8109_0000
0x8109_FFFF
PDA
Patch Decryption Accelerator
0x810A_0000
0x810A_FFFF
RDD
Wi-Fi debug
0x810B_0000
0x810B_FFFF
BTSBC
Bluetooth SBC accelerator
0x810C_0000
0x810C_FFFF
RBIST
RF BIST configuration
0x8300_0000
0x810C_FFFF
APB2
APB bridge 1 (synchronous to
CM4)
0x8300_0000
0x8300_FFFF
CONFG_CM4
System configuration for CM4
0x8301_0000
0x8301_FFFF
DMA_CM4
Generic DMA engine for CM4
0x8302_0000
0x8302_FFFF
UART_DSN
UART for CM4 debug
0x8303_0000
0x8303_FFFF
UART1
UART 1 for CM4
0x8304_0000
0x8304_FFFF
UART2
UART 2 for CM4
0x8305_0000
0x8305_FFFF
GPT_CM4
General Purpose Timer for
CM4
0x8306_0000
0x8306_FFFF
IrDA
IrDA
0x8307_0000
0x8307_FFFF
Serial flash
Serial flash macro access
0x8308_0000
0x8308_FFFF
WDT_CM4
Watchdog Timer for CM4
0x8309_0000
0x8309_FFFF
I2C_1
I2C 1
0x830A_0000
0x830A_FFFF
I2C_2
I2C 2
0x830B_0000
0x830B_FFFF
I2S
I2S configuration
0x830D_0000
0x830D_FFFF
AUXADC
Auxiliary ADC configuration
0x830E_0000
0x830E_FFFF
BTIF
Host Interface for Bluetooth
radio
0x830F_0000
0x830F_FFFF
Crypto
Crypto engine
0xA000_0000
0xAFFF_FFFF
PSE
Packet switch engine memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com