Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 73Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 74Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 75Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 76Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 77Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 78Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 79Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 80Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 81Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 79 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 79 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
This mode is used for the firmware to jump to SYSRAM
after downloading code from UART.
Note 1: No external pull-down resistor is required because internal pull-down is active during power
up.
Table 5-5. Bootstrap Option – XTAL Clock Mode
XTAL Clock Mode
PIN12 (GPIO7)
PIN52 (GPIO38)
Description
40MHz
Pull-down
Pull-up
Uses 40MHz XTAL.
26MHz
Pull-up
Pull-down(1)
Uses 26MHz XTAL.
52MHz
Pull-up
Pull-up
Uses 52MHz XTAL.
Note 1: No external pull-down resistor is required because internal pull-down is active during power
up.
Table 5-6. Bootstrap Option – 32KHz Clock Mode
32KHz clock mode
PIN11 (GPIO6)
Description
Internal 32KHz clock
Pull-down
32KHz clock sources from 40/26/52MHz clock.
External 32KHz clock
Pull-up
32KHz clock sources from external pin.
Table 5-7. Bootstrap Option — Chip Mode
Chip mode
PIN55
(GPIO35)
PIN10
(GPIO5)
PIN11
(GPIO6)
PIN12
(GPIO7)
PIN52
(GPIO38)
Description
Normal mode
Pull-
down(1)
Don’t care
32KHz clock
mode
control
XTAL clock mode control
Chip operates in normal
mode.
Test mode
Pull-up
Chip operates in test
mode.
Note 1: No external pull-down resistor is required because internal pull-down is active during power
up.
Note 2: When in test mode, the XTAL input clock is 26MHz only.
Pins 10, 11, 12, 52, 53, and 55 are is used for bootstrap. The system design should follow the
following guideline:
Those pins shall not be used as input functions because the signals from another device
might affect the values sensed.
Those pins shall not be used as an open-drain function because the pull-up resistor
would affect the values sensed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com