Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 43Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 44Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 45Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 46Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 47Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 48Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 49Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 50Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 47 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
I2S_FS
I2S_TX/RX
L[15]
L[14]
L[13]
L[2]
L[1]
L[0]
R[15] R[14] R[13]
R[2]
R[1]
R[0]
I2S_BCLK
R[0]
1T delay
Left channel
Right channel
1/SR
Figure 2-20. I2S Signal Waveform
2.5.8
Pulse Width Modulation (PWM)
MT7697 features 28 generic PWMs to generate pulse sequences with programmable frequency and
duration for LCD, vibrators, and other devices. The PMU features three configurable pattern options.
Table 2-20. PWM Modes
Mode
Description
Waveform
1
Basic PWM:
LED ON time (duration) and LED
OFF time (duration) are
configurable.
LED ON
Time
LED OFF
Time
LED ON
LED OFF
2
Two-State PWM:
There are two configurable states
(S0 and S1) for PWM LED.
S0
S1
S0 Lastingtime
3
Two-State replay mode:
User can set replay mode with
specified S1_Lasting_Time. PWM
LED would act as
[S0àS1àS0àS1àS0…] with
period time of (S0_Lasting_Time +
S0
S1
S0 Lastingtime
S1 Lastingtime
S0
S0 Lastingtime
replay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com