Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 30Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 31Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 32Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 33Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 34Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 35Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 36Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 37Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 34 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Table 2-15. CM4 Memory Map
Start address
End address
Function
Power Domain
Software Clock
gating control
Description
0x0000_0000
0x0000_FFFF
TCM ROM
CM4_OFF
Tightly Coupled
ROM for CM4
0x0010_0000
0x0010_FFFF
TCM RAM0
CM4_OFF
Tightly Coupled
RAM for CM4
(64KB)
0x0011_0000
0x0011_1FFF
TCM RAM1
CM4_OFF
Tightly Coupled
RAM for CM4 (8KB)
0x0011_2000
0x0011_3FFF
TCM RAM2
CM4_OFF
Tightly Coupled
RAM for CM4 (8KB)
0x0011_4000
0x0011_5FFF
TCM RAM3
CM4_OFF
Tightly Coupled
RAM for CM4 (8KB)
0x0011_6000
0x0011_7FFF
TCM RAM4
CM4_OFF
Tightly Coupled
RAM for CM4 (8KB)
0x1000_0000
0x1FFF_FFFF
Serial Flash CM4
CM4_OFF
Serial flash of CM4
0x2000_0000
0x2003_FFFF
SYSRAM_CM4
CM4_OFF
System RAM for
CM4, 256Kbytes
0x2100_0000
0x2100_FFFF
SPI-S
CM4_OFF
0x8300_0200[21]
SPI slave
0x2200_0000
0x2200_FFFF
I2S/Audio
CM4_OFF
0x8300_0200[14]
I2S
0x2400_0000
0x2400_FFFF
SPI-M
CM4_OFF
0x8300_0200[22]
SPI master
0x2500_0000
0x2500_CFFF
SYSRAM_N9
TOP_OFF(N9)
System RAM for N9,
52Kbytes
0x3000_0000
0x3FFF_FFFF
Serial Flash CM4
CM4_OFF
Serial flash of CM4
through system bus
0x5000_0000
0x501F_FFFF
HIF_device
TOP_OFF(N9)
Host interface
device controller
0x5020_0000
0x502F_FFFF
HIF_host_CM4
TOP_AON
Host interface host
controller of Wi-Fi
radio
0x5040_0000
0x5FFF_FFFF
(Undefined)
0x6000_0000
0x6FFF_FFFF
WIFISYS
TOP_OFF(N9)
0x8000_0100[5]
Wi-Fi subsystem
0x7000_0000
0x70FF_FFFF
PDA DMA port
Patch Decryption
Accelerator DMA
slave
0x7800_0000
0x7800_FFFF
VFF access port
TOP_OFF(N9)
Virtual FIFO access
ports of N9 DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com