Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 54Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 55Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 56Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 57Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 58Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 59Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 60Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 61Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 58 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Parameter
Description
Performance
MIN
TYP
MAX
Unit
64QAM rate 3/4, 54 Mbps OFDM
-
22
-
dBm
HT20, MCS 0, BPSK rate 1/2
-
33
-
dBm
HT20, MCS 7, 64QAM rate 5/6
-
15
-
dBm
HT40, MCS 0, BPSK rate 1/2
-
29
-
dBm
HT40, MCS 7, 64QAM rate 5/6
-
9
-
dBm
3.1.3
Wi-Fi 2.4GHz Band RF Transmitter Specifications
The specifications in table are measured at the antenna port, which includes the front-end loss.
Table 3-2. 2.4GHz RF Transmitter Specifications
Parameter
Description
Performance
MIN
TYP
MAX
Unit
Frequency range
2412
-
2484
MHz
Output power with
spectral mask and
EVM compliance
1 Mbps CCK
-
21
-
dBm
11 Mbps CCK
-
21
-
dBm
6 Mbps OFDM
-
19
-
dBm
54 Mbps OFDM
-
18
-
dBm
HT20, MCS 0
-
18
-
dBm
HT20, MCS 7
-
17.5
-
dBm
HT40, MCS 0
-
17
-
dBm
HT40, MCS 7
-
16.5
-
dBm
TX EVM
6 Mbps OFDM
-
-
-5
dB
54 Mbps OFDM
-
-
-25
dB
HT20, MCS 0
-
-
-5
dB
HT20, MCS 7
-
-
-28
dB
HT40, MCS 0
-
-
-5
dB
HT40, MCS 7
-
-
-28
dB
Output power
variation(1)
TSSI closed-loop control across all temperature
range and channels and VSWR ≦ 1.5:1.
-1.5
-
1.5
dB
Carrier suppression
-
-
-30
dBc
Harmonic Output
2nd Harmonic
-
-45
-43
dBm/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com