Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 19Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 20Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 21Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 22Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 23Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 24Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 25Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 26Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 23 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
The N9 subsystem and Cortex M4 subsystem are in different clock domains, so the asynchronous
bridges are inserted in the bus fabric. N9 has the ability to (but would be rarely used) all the M4
peripherals.
2.4.4
Serial Flash Controller
MT7697 features a serial flash controller that can support the serial flash with the read mode of
(JEDEC) standard SPI mode, SPI-Quad mode, QPI (Quad Peripheral Interface) mode, Dual IO mode,
and Dual-Output mode.
The frequency of the serial clock rate is up to 64MHz. That provides 256Mbps equivalent throughput
on flash when SPI-quad mode or QPI mode is used.
Table 2-10. Flash Controller Support Read Mode
Read Mode
Description
SPI
1xIO for receiving command and address, 1xIO for output data
SPI-Quad
1xIO for receiving command, 4xIO for address, 4xIO for output data
QPI
4xIO for receiving command/address and output data
Dual-IO
1xIO for command, 2xIO for address and output data
Dual-Output
1xIO for receiving command, 2xIO for address and output data
The Serial Flash Controller Supports Two Operation Modes:
Direct read mode, which supports a high-throughput direct-access through AHB bus
Macro access mode, which supports flash access with arbitrary command and is through APB
bus.
2.4.5
DMA
Direct memory access (DMA) is used to transfer data between memory ↔ memory as well as
memory ↔ peripherals without MCU intervention.
2.4.5.1
DMA Functional Description
There are three types of DMA channels supported in MT7697.
Full-size DMA: Both the source address and the destination address are programmable. It is
normally used for memory copy.
Half-size DMA: Either the source address or the destination address is programmable. It is
normally used for data movement between memory and peripherals.
Virtual FIFO DMA (VFF DMA): It is a half-size DMA with an additional FIFO control engine. It is
used to provide the buffering capacity for peripherals including UART.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com