Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 34Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 35Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 36Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 37Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 38Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 39Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 40Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 41Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 38 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
2.4.12
SYSRAM_CM4
SYSRAM, the internal SRAM, is mapped on the system bus interface of Cortex M4. M4 can carry out
instruction fetches and data accesses to the SYSRAM.
SYSRAM is the internal SRAM that the DMA engine can access. It can be used as a GDMA or VFIFO
buffer, the source and the destination of GDMA controller, for memory-to-memory transfer as well
the transfer between memory and peripherals.
2.4.13
Crypto engine
The crypto engine supports
AES, DES, and 3DES encryption and decryption engine.
SHA256, SHA512 and MD5 hash engines.
2.5
Peripherals
Several peripheral are multiplexed GPIOs. MT7697 has two dedicated UART interfaces with flow
control, one dedicated I2C interface, and one dedicated IrDA interface.
MT7697 also has the 2nd I2C interface, the SPI slave interface, the I2S interface, and the SPI master
interface, but only 2 of the above interfaces can be effective at a time.
The section describes the function of all the peripherals.
2.5.1
GPIO Interface
2.5.1.1
GPIO Function
There are two types of GPIO (General purpose IO) designs in MT7697: GPIO and AGPIO.
Floating-well design is used in GPIO and AGPIO. It prevents potential leakage problem when the
DVDD33 power supply is not enabled but the pin input is pulled up to 3.3V source.
MT7697 offers GPIO, each with the following configuration options:
Input / Output mode
Slew rate control
Schmitt trigger hysteresis control
Input mode: Floating (Hi-Z), pull-up, or pull-down
Output mode: Active driving, or open drain
Pull up/down control. The pull-up and pull-down resistance is 75KΩ with ±20% variation
over PVT condition
Driving strength: 4mA, 8mA, 12mA, 16mA
Input and output duty cycle tuning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com