Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7697 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # MT7697
Description  MT7697 is a highly integrated single chip which features an application processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button MT7697 Datasheet HTML 63Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 64Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 65Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 66Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 67Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 68Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 69Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 70Page - List of Unclassifed Manufacturers MT7697 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
MT7697
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 67 of 81
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Parameter
Reference
Conditions
Min
Typ
Max
Unit
enabled
Iout
Output Current
Normal operation
420
mA
Deep Sleep mode, SLDO-L
enabled
10
mA
Iq
Quiescent
Current
40
50
uA
Analog LDO (ALDO)
Vin
Input Voltage
2.97
3.3
3.63
V
Vout
Output Voltage
AVDD25_ALDO
Normal operation
2.3
2.5
2.7
V
Deep Sleep mode, OFF
0
V
Iout
Output Current
Normal operation
50
mA
Iq
Quiescent
Current
25
50
uA
PMU
Vin
Input Voltage
AVDD45, AVDD33
and DVDDIO
2.97
3.3
3.63
V
Iq
Quiescent
Current
In Deep Sleep State
50
uA
4.6
Auxiliary ADC Characteristics
This section specifies the electrical characteristics of the auxiliary ADC.
Table 4-6. Auxiliary ADC Specifications
Symbol
Parameter
Min
Typical Max
Unit
N
Resolution
-
12
-
Bit
FS
Sampling Rate @ N-Bit(1)
-
2
-
MSPS
VPP
Input Swing(2)
-
-
1.8
V
VIN
Input voltage(3)
0
-
1.8
V
RIN
Input Impedance:
Unselected channel
Selected channel
400M
-
-
10K
-
-
Ohm
DNL
Differential Nonlinearity without dithering and
averaging
-
± 1
± 2
LSB
INL
Integral Nonlinearity without dithering and averaging -
± 2
± 4
LSB
DNLdither+average
Differential Nonlinearity with dithering and
averaging
-
± 0.5
± 1
LSB
INLdither+average
Integral Nonlinearity with dithering and averaging
-
-
± 2
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com