Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 3 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 3 Page - Analog Devices

  ADPA7002CHIP Datasheet HTML 1Page - Analog Devices ADPA7002CHIP Datasheet HTML 2Page - Analog Devices ADPA7002CHIP Datasheet HTML 3Page - Analog Devices ADPA7002CHIP Datasheet HTML 4Page - Analog Devices ADPA7002CHIP Datasheet HTML 5Page - Analog Devices ADPA7002CHIP Datasheet HTML 6Page - Analog Devices ADPA7002CHIP Datasheet HTML 7Page - Analog Devices ADPA7002CHIP Datasheet HTML 8Page - Analog Devices ADPA7002CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADPA7002CHIP
Rev. 0 | Page 3 of 23
SPECIFICATIONS
FREQUENCY RANGE: 20 GHz TO 34 GHz
TA = 25°C, VDD = 5 V, quiescent drain supply current (IDQ) = 600 mA, for nominal operation, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
20
34
GHz
GAIN
15
17
dB
Gain Flatness
±0.5
dB
Gain Variation over Temperature
0.012
dB/°C
NOISE FIGURE
6
dB
RETURN LOSS
Input
20
dB
Output
20
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
26
28.5
dBm
Saturated Output Power
PSAT
30
dBm
Output Third-Order Intercept
IP3
40
dBm
Measurement taken at saturated output power
(POUT) per tone = 14 dBm
SUPPLY
Quiescent Drain Supply Current
IDQ
600
mA
Adjust the gate bias voltage (VGG1) between
−2 V to 0 V to achieve the desired IDQ
Voltage
VDD
4
5
V
FREQUENCY RANGE: 34 GHz TO 44 GHz
TA = 25°C, VDD = 5 V, IDQ = 600 mA, for nominal operation, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
34
44
GHz
GAIN
12
15
dB
Gain Flatness
±0.7
dB
Gain Variation over Temperature
0.024
dB/°C
NOISE FIGURE
5
dB
RETURN LOSS
Input
25
dB
Output
16
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
25
28
dBm
Saturated Output Power
PSAT
28.5
dBm
Output Third-Order Intercept
IP3
40
dBm
Measurement taken at POUT per tone = 14 dBm
SUPPLY
Quiescent Drain Supply Current
IDQ
600
mA
Adjust the gate bias voltage (VGG1) between
−2 V to 0 V to achieve the desired IDQ
Voltage
VDD
4
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com