Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 20 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 15Page - Analog Devices ADPA7002CHIP Datasheet HTML 16Page - Analog Devices ADPA7002CHIP Datasheet HTML 17Page - Analog Devices ADPA7002CHIP Datasheet HTML 18Page - Analog Devices ADPA7002CHIP Datasheet HTML 19Page - Analog Devices ADPA7002CHIP Datasheet HTML 20Page - Analog Devices ADPA7002CHIP Datasheet HTML 21Page - Analog Devices ADPA7002CHIP Datasheet HTML 22Page - Analog Devices ADPA7002CHIP Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADPA7002CHIP
Data Sheet
Rev. 0 | Page 20 of 23
HMC980LP4E Bias Sequence
Proper dc supply sequencing is required to prevent damage to
HMC980LP4E. Adhere to the following power-up sequence steps:
1. Set VDIG, the voltage supply input (Pin 9) for the
HMC980LP4E digital circuit (see Figure 60) to 3.3 V.
2. Set S0, the digital control pin (Pin 3) that sets the internal
field effect transistor (FET) and the internal HMC980LP4E
resistor (RDS) resistance (see Figure 60) to 3.3 V.
3. Set the VDD pin to 5.68 V.
4. Set VNEG to −1.5 V. This step is not needed if using
internally generated voltage.
5. Set the EN pad to 3.3 V. Transitioning from 0 V to 3.3 V
turns on the VGATE and VDRAIN pads.
Adhere to the following power-down sequence steps:
1. Set the EN pad to 0 V. Transitioning from 3.3 V to 0 V
turns off the VDRAIN and VGATE pads.
2. Set VNEG to 0 V. This step is not required if using
internally generated voltage.
3. Set the VDD pin to 0 V.
4. Set S0 to 0 V.
5. Set VDIG to 0 V.
When the HMC980LP4E bias control circuit has been set up, the
ADPA7002CHIP bias can be toggled on and off by applying 3.3 V
or 0 V to the EN pad. If EN is set to +3.3 V, VGATE drops to
−1.5 V and VDRAIN is turned on at +5 V. VGATE rises in voltage
until IDRAIN equals 800 mA. The closed control loop then
regulates IDRAIN at 800 mA. When the EN pad equals 0 V,
VGATE is automatically set to −1.5 V and VDRAIN is set to 0 V
(see Figure 61 and Figure 62).
Figure 61. Turn On—HMC980LP4E Outputs to the ADPA7002CHIP
Figure 62. Turn Off—HMC980LP4E Outputs to the ADPA7002CHIP
Constant Drain Current Biasing vs. Constant Gate
Voltage Biasing
The HMC980LP4E uses closed loop feedback to continuously
adjust VGATE to maintain a constant gate current bias over dc
supply variation, temperature and part to part variation. Constant
drain current bias is an excellent method for reducing time in
calibration procedures and to maintain consistent performance
over time.
In comparison to a constant gate voltage bias, where the current
increases when RF power is applied, a constant drain current
has a slightly lower output P1dB. This effect can be seen in
Figure 64 and Figure 66, where RF performance is slightly lower
than constant gate voltage bias operation. RF performance is
lower due to a lower drain current at high input power levels as
the HMC980LP4E reaches 1 dB compression.
The output P1dB performance for the constant drain current
bias improves if the constant gate voltage bias is increased. By
increasing the set current towards IDD, the output P1dB increases up
to the RF drive in the constant gate voltage bias condition shown in
Figure 64.
The current and temperature limit of IDD under the constant
current operation is usually set by the thermal limitations found
in the table from the Absolute Maximum Ratings section along
with the maximum power dissipation specification. Increasing
the IDD does not indefinitely increase the actual output P1dB
and the power dissipation increases. Therefore, consider the trade-
off between power dissipation and output P1dB performance when
using constant drain current biasing.
CH1 2.00V
CH2 1.00V
CH3 2.00V
CH4 2.00V
M20.0ms
A CH1
1.12V
3
1
VDD
VDRAIN
EN
VGATE
CH1 2.00V
CH2 1.00V
CH3 2.00V
CH4 2.00V
M20.0ms
A CH1
1.12V
3
1
VDD
VDRAIN
EN
VGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com