Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 1 Page - Analog Devices

  ADPA7002CHIP Datasheet HTML 1Page - Analog Devices ADPA7002CHIP Datasheet HTML 2Page - Analog Devices ADPA7002CHIP Datasheet HTML 3Page - Analog Devices ADPA7002CHIP Datasheet HTML 4Page - Analog Devices ADPA7002CHIP Datasheet HTML 5Page - Analog Devices ADPA7002CHIP Datasheet HTML 6Page - Analog Devices ADPA7002CHIP Datasheet HTML 7Page - Analog Devices ADPA7002CHIP Datasheet HTML 8Page - Analog Devices ADPA7002CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
GaAs, pHEMT, MMIC,1/2 W,
20 GHz to 44 GHz, Power Amplifier
Data Sheet
ADPA7002CHIP
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Output P1dB: 28 dBm (typical at 34 GHz to 44 GHz)
PSAT: 30 dBm (typical at 20 GHz to 34 GHz)
Gain: 15 dB (typical at 34 GHz to 44 GHz)
IP3: 40 dBm (typical)
Supply voltage: 5 V at 600 mA
Die size: 2.75 mm × 1.805 mm × 0.1 mm
APPLICATIONS
Military and space
Test instrumentation
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADPA7002CHIP is a gallium arsenide (GaAs), monolithic
microwave integrated circuit (MMIC), pseudomorphic high
electron mobility transistor (pHEMT), distributed power
amplifier that operates from 20 GHz to 44 GHz. The amplifier
provides 15 dB of small signal gain, 28 dBm output power at
1 dB gain compression (P1dB), and a typical output third-order
intercept (IP3) of 40 dBm. The amplifier requires 600 mA from
a 5 V supply on VDD2A, VDD2B, and VDD1. The ADPA7002CHIP
also features inputs/outputs (I/Os) that are internally matched to
50 Ω, and facilitates integration into multichip modules (MCMs).
All data is taken with the on substrate chip connected via two
wire bonds that are 0.025 mm (1 mil) wide and 0.31 mm (12 mils)
long.
RFOUT
RFIN
ADPA7002CHIP
GND
VDET
VREF
VDD2A
VGG1
VDD2B
VDD1


Similar Part No. - ADPA7002CHIP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA7002 AD-ADPA7002 Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
Rev. A
ADPA7002-EVALZ AD-ADPA7002-EVALZ Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
Rev. A
ADPA7002AEHZ AD-ADPA7002AEHZ Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
Rev. A
ADPA7002AEHZ-R7 AD-ADPA7002AEHZ-R7 Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
Rev. A
More results

Similar Description - ADPA7002CHIP

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC952 HITTITE-HMC952 Datasheet
785Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC797APM5E AD-HMC797APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC637ALP5E AD-HMC637ALP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC863ALC4 AD-HMC863ALC4 Datasheet
915Kb / 11P
GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC1121 AD-HMC1121 Datasheet
390Kb / 15P
4 W, GaAs, pHEMT, MMIC Power Amplifier
10/2017-Rev. 0 to Rev. A
HMC590 AD-HMC590 Datasheet
402Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC591 AD-HMC591 Datasheet
414Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
7/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com