Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 21 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 15Page - Analog Devices ADPA7002CHIP Datasheet HTML 16Page - Analog Devices ADPA7002CHIP Datasheet HTML 17Page - Analog Devices ADPA7002CHIP Datasheet HTML 18Page - Analog Devices ADPA7002CHIP Datasheet HTML 19Page - Analog Devices ADPA7002CHIP Datasheet HTML 20Page - Analog Devices ADPA7002CHIP Datasheet HTML 21Page - Analog Devices ADPA7002CHIP Datasheet HTML 22Page - Analog Devices ADPA7002CHIP Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
ADPA7002CHIP
Rev. 0 | Page 21 of 23
Testing the HMC980LP4E
After biasing the ADPA7002CHIP with the HMC980LP4E at the application nodes, compare the results to Figure 63 to Figure 66 to verify
that the biasing procedure is correct.
Figure 63. IDD vs. Input Power (PIN), VDD = 5 V, Frequency = 32 GHz,
Constant Current Bias and Constant Voltage Bias
Figure 64. POUT vs. PIN, VDD = 5 V, Frequency = 32 GHz,
Constant Current Bias and Constant Voltage Bias
Figure 65. PAE vs. PIN, VDD = 5 V, Frequency = 32 GHz,
Constant Current Bias and Constant Voltage Bias
Figure 66. Output P1dB vs. PIN, VDD = 5 V, Frequency = 32 GHz
Constant Current Bias and Constant Voltage Bias
400
500
600
700
800
900
1000
1100
1200
–6
–4
–2
0
2
4
6
8
10
12
14
16
18
PIN (dBm)
CONSTANT GATE VOLTAGE BIAS
CONSTANT DRAIN CURRENT BIAS
–4
–6
–2
0
2
4
6
8
10
12
14
16
18
CONSTANT GATE VOLTAGE BIAS
CONSTANT DRAIN CURRENT BIAS
0
5
10
15
20
25
30
35
PIN (dBm)
–6
–4
–2
0
2
4
6
8
10
12
14
16
18
PIN (dBm)
0
2
4
6
8
10
12
14
16
18
20
CONSTANT GATE VOLTAGE BIAS
CONSTANT DRAIN CURRENT BIAS
22
23
24
25
26
27
28
29
30
31
32
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
PIN (dBm)
CONSTANT GATE VOLTAGE BIAS
CONSTANT DRAIN CURRENT BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com