Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 15 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 11Page - Analog Devices ADPA7002CHIP Datasheet HTML 12Page - Analog Devices ADPA7002CHIP Datasheet HTML 13Page - Analog Devices ADPA7002CHIP Datasheet HTML 14Page - Analog Devices ADPA7002CHIP Datasheet HTML 15Page - Analog Devices ADPA7002CHIP Datasheet HTML 16Page - Analog Devices ADPA7002CHIP Datasheet HTML 17Page - Analog Devices ADPA7002CHIP Datasheet HTML 18Page - Analog Devices ADPA7002CHIP Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Data Sheet
ADPA7002CHIP
Rev. 0 | Page 15 of 23
THEORY OF OPERATION
The architecture of the ADPA7002CHIP, a medium power
amplifier, is shown in Figure 52. The ADPA7002CHIP uses a
cascaded, three-stage amplifier operating in quadrature
between two 90° hybrids.
The input signal is evenly divided into two. Each input signal is
amplified through three independent gain stages and the amplified
signals are combined at the output. This balanced amplifier
approach creates an amplifier with a combined gain of 15 dB
and a PSAT value of 30 dBm.
A portion of the RF output signal is directionally coupled to a
diode to detect the RF output power (see Figure 52). When the
diode is dc biased, the diode rectifies the RF power and makes
the RF power available for measurement as a dc voltage at the
VDET pin. Temperature compensation is accomplished by
referencing a symmetrical diode circuit that is not coupled to
the RF output, which contains a dc voltage output, at the VREF
pin as shown in Figure 56. The difference of VREF − VDET
provides a temperature compensated signal that is proportional
to the RF output.
The 90° hybrids ensure that the input and output return losses
are >12 dB. See the application circuits in Figure 53 and
Figure 54 for further details on biasing the various blocks.
To obtain optimal performance from the ADPA7002CHIP and
avoid damaging the device, follow the recommended biasing
sequences described in the Biasing Procedures section.
Figure 52. Fundamental Cell Schematic
RFIN
RFOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com