Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 22 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 15Page - Analog Devices ADPA7002CHIP Datasheet HTML 16Page - Analog Devices ADPA7002CHIP Datasheet HTML 17Page - Analog Devices ADPA7002CHIP Datasheet HTML 18Page - Analog Devices ADPA7002CHIP Datasheet HTML 19Page - Analog Devices ADPA7002CHIP Datasheet HTML 20Page - Analog Devices ADPA7002CHIP Datasheet HTML 21Page - Analog Devices ADPA7002CHIP Datasheet HTML 22Page - Analog Devices ADPA7002CHIP Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
ADPA7002CHIP
Data Sheet
Rev. 0 | Page 22 of 23
MOUNTING AND BONDING TECHNIQUES FOR
MILLIMETER WAVE GaAs MMICS
Attach the die directly to the ground plane with conductive
epoxy (see the Handling Precautions section, Mounting section,
and Wire Bonding section for instructions).
Microstrip, 50 Ω transmission lines on 0.127 mm (5 mil) thick
alumina, thin film substrates are recommended to send the RF
to and from the chip. Raise the die 0.075 mm (3 mil) to ensure
that the surface of the die is coplanar with the surface of the
substrate.
Place the microstrip substrates as close to the die as possible to
minimize ribbon bond length. Typical die to substrate spacing
is 0.076 mm to 0.152 mm (3 mil to 6 mil). To ensure wideband
matching, a 15 fF capacitive stub is recommended to be placed
on the PCB board before the ribbon bond. See Figure 67 and
Figure 68 for details.
Figure 67. High Frequency Input Wideband Matching
Figure 68. High Frequency Output Wideband Matching
Handling Precautions
To avoid permanent damage to the die, follow these storage,
cleanliness, static sensitivity, transient, and general handling
precautions:
Place all bare die in either waffle or gel-based ESD
protective containers and then seal the die in an ESD
protective bag for shipment. After the sealed ESD
protective bag is opened, store all die in a dry nitrogen
environment.
Handle the chips in a clean environment. Do not attempt
to clean the chip using liquid cleaning systems.
Follow ESD precautions to protect against ESD strikes.
When the bias is applied, suppress instrument and bias
supply transients. Use a shielded signal and bias cables to
minimize inductive pickup.
Handle the chip along the edges with a vacuum collet or
with a sharp pair of tweezers. The chip surface has fragile
air bridges and must not be touched with a vacuum collet,
tweezers, or fingers.
Mounting
Before the epoxy die is attached to the ADPA7002CHIP, apply a
minimum amount of epoxy (must order separately) to the
mounting surface so that a thin epoxy fillet is observed around
the perimeter of the chip after it is placed into position. Cure
the epoxy per the schedule of the manufacturer.
Wire Bonding
RF bonds made with 0.003 inch × 0.0005 inch gold ribbon are
recommended to be used with the RF ports. These bonds must
be thermosonically bonded with a force between 40 g to 60 g.
DC bonds of 0.001 inch (0.025 mm) in diameter,
thermosonically bonded, are recommended for bond wire
connections. Create ball bonds with a force between 40 g to
50 g, and wedge bonds with a force between 18 g to 22 g. Create
all bonds with a nominal stage temperature of 150°C. Apply a
minimum amount of ultrasonic energy to achieve reliable
bonds. Keep all bonds as short as possible, less than 12 mil
(0.31 mm).
Alternatively, short (≤3 mil) RF bonds made with two 1 mil
wires can be used in place of the gold ribbon.
MMIC
PCB
50Ω
TRANSMISSION LINE
MATCHING STUB/BOND PAD
SHUNT CAPACITANCE = 15fF
3mil GOLD
RIBBON
3mil GAP
RFIN
MMIC
PCB
50Ω
TRANSMISSION LINE
MATCHING STUB/BOND PAD
SHUNT CAPACITANCE = 15fF
3mil GAP
RFOUT
3mil GOLD
RIBBON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com