Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 8 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 4Page - Analog Devices ADPA7002CHIP Datasheet HTML 5Page - Analog Devices ADPA7002CHIP Datasheet HTML 6Page - Analog Devices ADPA7002CHIP Datasheet HTML 7Page - Analog Devices ADPA7002CHIP Datasheet HTML 8Page - Analog Devices ADPA7002CHIP Datasheet HTML 9Page - Analog Devices ADPA7002CHIP Datasheet HTML 10Page - Analog Devices ADPA7002CHIP Datasheet HTML 11Page - Analog Devices ADPA7002CHIP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADPA7002CHIP
Data Sheet
Rev. 0 | Page 8 of 23
Figure 16. Input Return Loss vs. Frequency for Various Quiescent Drain
Supply Current (IDQ)
Figure 17. Output Return Loss vs. Frequency for Various Supply Voltages (VDD)
Figure 18. Reverse Isolation vs. Frequency for Various Temperatures
Figure 19. Output Return Loss vs. Frequency for Various Temperatures
Figure 20. Output Return Loss vs. Frequency for Various Quiescent Drain
Supply Current (IDQ)
Figure 21. Noise Figure vs. Frequency for Various Temperatures
0
–25
–10
–15
–20
–5
FREQUENCY (GHz)
700mA
600mA
800mA
20
24
26
22
30
36
38
28
32
34
40
42
44
0
–25
–10
–15
–20
–5
FREQUENCY (GHz)
5.0V
4.0V
20
24
26
22
30
36
38
28
32
34
40
42
44
0
–70
–60
–30
–40
–50
–20
–10
FREQUENCY (GHz)
+85°C
+25°C
–55°C
20
30
32
34
36
38
22
24
26
28
40
42
44
0
–25
–10
–15
–20
–5
FREQUENCY (GHz)
+85°C
+25°C
–55°C
20
24
26
22
30
36
38
28
32
34
40
42
44
20
6
8
16
12
14
10
18
20
30
32
36
34
38
22
24
26
28
40
42
44
FREQUENCY (GHz)
600mA
700mA
800mA
FREQUENCY (GHz)
+85°C
+25°C
–55°C
20
22
24
32
30
28
26
34
36
38
40
42
44
20
18
0
2
10
8
16
6
4
12
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com