Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 5 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 5 Page - Analog Devices

  ADPA7002CHIP Datasheet HTML 1Page - Analog Devices ADPA7002CHIP Datasheet HTML 2Page - Analog Devices ADPA7002CHIP Datasheet HTML 3Page - Analog Devices ADPA7002CHIP Datasheet HTML 4Page - Analog Devices ADPA7002CHIP Datasheet HTML 5Page - Analog Devices ADPA7002CHIP Datasheet HTML 6Page - Analog Devices ADPA7002CHIP Datasheet HTML 7Page - Analog Devices ADPA7002CHIP Datasheet HTML 8Page - Analog Devices ADPA7002CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
ADPA7002CHIP
Rev. 0 | Page 5 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
Radio Frequency (RF) Signal Input. This pad is ac-coupled and matched to 50 Ω.
2 to 9, 14, 16, 19, 21
NIC
No Internal Connection. These pads have no internal connections.
10
VREF
Reference Diode for Temperature Compensation of VDET RF Output Power Measurements.
11, 22, Die Bottom
GND
Ground. These pads and the die bottom must be connected to RF and dc ground.
12
RFOUT
RF Signal Output. This pad is ac-coupled and matched to 50 Ω.
13
VDET
Detector Diode to Measure RF Output Power. Output power detection via this pin requires
the application of a dc bias voltage through an external series resistor. Used in combination
with the VREF pin, the difference voltage (VREF − VDET) is a temperature compensated dc
voltage that is proportional to the RF output power.
15, 17, 18
VDD1, VDD2A, VDD2B
Drain Biases for Amplifier. External bypass capacitors of 4.7 μF and 0.01 μF are required.
20
VGG1
Gate Control for Amplifier. External bypass capacitors of 4.7 μF and 0.01 μF are required.
GND
RFIN
NOTES
1. NIC = NO INTERNAL CONNECTION. THESE PADS HAVE NO INTERNAL CONNECTION.
RFOUT
GND
ADPA7002CHIP
TOP VIEW
(CIRCUIT SIDE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com