Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 10 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 6Page - Analog Devices ADPA7002CHIP Datasheet HTML 7Page - Analog Devices ADPA7002CHIP Datasheet HTML 8Page - Analog Devices ADPA7002CHIP Datasheet HTML 9Page - Analog Devices ADPA7002CHIP Datasheet HTML 10Page - Analog Devices ADPA7002CHIP Datasheet HTML 11Page - Analog Devices ADPA7002CHIP Datasheet HTML 12Page - Analog Devices ADPA7002CHIP Datasheet HTML 13Page - Analog Devices ADPA7002CHIP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADPA7002CHIP
Data Sheet
Rev. 0 | Page 10 of 23
Figure 28. Power Added Efficiency (PAE) vs. Frequency over Temperature,
PAE Measured at PSAT
Figure 29. PAE vs. Frequency for Various Drain Currents (IDD),
PAE Measured at PSAT
Figure 30. POUT, Gain, PAE, and Drain Current (IDD) vs. Input Power,
Frequency = 26 GHz
Figure 31. PAE vs. Frequency for Various Supply Voltages (VDD),
PAE Measured at PSAT
Figure 32. POUT, Gain, PAE, and Drain Current (IDD) vs. Input Power,
Frequency = 22 GHz
Figure 33. POUT, Gain, PAE, and Drain Current (IDD) vs. Input Power,
Frequency = 30 GHz
10
12
14
16
18
24
22
20
8
0
2
6
4
FREQUENCY (GHz)
+85°C
+25°C
–55°C
20
30
32
34
36
38
22
24
26
28
40
42
44
FREQUENCY (GHz)
700mA
600mA
800mA
10
12
14
16
18
24
22
20
8
0
2
6
4
20
30
32
34
36
38
22
24
26
28
40
42
44
0
5
15
25
30
35
10
20
1230
600
690
870
1050
1140
780
960
–5
–3
–1
3
5
7
9
11
13
15
1
17
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
10
12
14
16
18
24
22
20
8
0
2
6
4
FREQUENCY (GHz)
4.0V
5.0V
0
10
15
5
30
35
20
25
40
45
50
0
5
15
25
30
35
10
20
1020
600
660
780
900
960
720
840
–4
–2
4
6
8
10
12
14
16
0
2
18
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
0
5
15
25
30
35
10
20
1230
600
690
870
1050
1140
780
960
–5
–3
–1
3
5
7
9
11
13
15
1
17
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com