Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 9 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 5Page - Analog Devices ADPA7002CHIP Datasheet HTML 6Page - Analog Devices ADPA7002CHIP Datasheet HTML 7Page - Analog Devices ADPA7002CHIP Datasheet HTML 8Page - Analog Devices ADPA7002CHIP Datasheet HTML 9Page - Analog Devices ADPA7002CHIP Datasheet HTML 10Page - Analog Devices ADPA7002CHIP Datasheet HTML 11Page - Analog Devices ADPA7002CHIP Datasheet HTML 12Page - Analog Devices ADPA7002CHIP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Data Sheet
ADPA7002CHIP
Rev. 0 | Page 9 of 23
Figure 22. Output P1dB vs. Frequency for Various Temperatures
Figure 23. Output P1dB vs. Frequency for Various Supply Currents
Figure 24. PSAT vs. Frequency for Various Supply Voltages
Figure 25. Output P1dB vs. Frequency for Various Supply Voltages
Figure 26. PSAT vs. Frequency for Various Temperatures
Figure 27. PSAT vs. Frequency for Various Supply Currents
36
32
34
24
26
28
30
10
12
14
16
18
22
20
FREQUENCY (GHz)
+85°C
+25°C
–55°C
20
30
32
36
34
38
22
24
26
28
40
42
44
36
32
34
24
26
28
30
10
12
14
16
18
22
20
FREQUENCY (GHz)
700mA
600mA
800mA
20
30
32
34
36
38
22
24
26
28
40
42
44
36
32
34
24
26
28
30
10
12
14
16
18
22
20
FREQUENCY (GHz)
4.0V
5.0V
20
30
32
34
36
38
22
24
26
28
40
42
44
36
32
34
24
26
28
30
10
12
14
16
18
22
20
FREQUENCY (GHz)
4.0V
5.0V
20
30
32
34
36
38
22
24
26
28
40
42
44
36
32
34
24
26
28
30
10
12
14
16
18
22
20
FREQUENCY (GHz)
+85°C
+25°C
–55°C
20
30
32
34
36
38
22
24
26
28
40
42
44
36
32
34
24
26
28
30
10
12
14
16
18
22
20
FREQUENCY (GHz)
700mA
600mA
800mA
20
30
32
34
36
38
22
24
26
28
40
42
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com