Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 16 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 12Page - Analog Devices ADPA7002CHIP Datasheet HTML 13Page - Analog Devices ADPA7002CHIP Datasheet HTML 14Page - Analog Devices ADPA7002CHIP Datasheet HTML 15Page - Analog Devices ADPA7002CHIP Datasheet HTML 16Page - Analog Devices ADPA7002CHIP Datasheet HTML 17Page - Analog Devices ADPA7002CHIP Datasheet HTML 18Page - Analog Devices ADPA7002CHIP Datasheet HTML 19Page - Analog Devices ADPA7002CHIP Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ADPA7002CHIP
Data Sheet
Rev. 0 | Page 16 of 23
ADPA7002CHIP ASSEMBLY AND CIRCUIT DIAGRAMS
Figure 53. Assembly Diagram
Figure 54. Typical Application Circuit
Figure 55. Simplified Internal ADPA7002CHIP Block Diagram
Figure 56. Power Detector Circuit
DIE SIZE
2750µm × 1805µm
BAR CAPACITOR 100pF
0.01µF
0.01µF
RFOUT
RFIN
VDD1
VGG1
RFOUT
ADPA7002CHIP
RFIN
VDD2A
VDD2B
4.7µF
0.01µF
100pF
+
VGG1
4.7µF
+
VDD1
100pF
100pF
VDD1
100pF
1
12
13
17
18
20
VDD3A VDD4A
VGG1 VGG2
VDD3B VDD4B
VDD1 VDD2
RFOUT
RFIN
NOTES
1. VDD3A IS A DRAIN BIAS PAD FOR THE FIRST STAGE.
VDD3B IS A DRAIN BIAS PAD FOR THE SECOND STAGE.
VDD4A AND VDD4B ARE A COMBINED DRAIN BIAS PAD FOR THE THIRD STAGE.
COUPLED LINE
RFIN
VREF
RFOUT
VDET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com