Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 12 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 8Page - Analog Devices ADPA7002CHIP Datasheet HTML 9Page - Analog Devices ADPA7002CHIP Datasheet HTML 10Page - Analog Devices ADPA7002CHIP Datasheet HTML 11Page - Analog Devices ADPA7002CHIP Datasheet HTML 12Page - Analog Devices ADPA7002CHIP Datasheet HTML 13Page - Analog Devices ADPA7002CHIP Datasheet HTML 14Page - Analog Devices ADPA7002CHIP Datasheet HTML 15Page - Analog Devices ADPA7002CHIP Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADPA7002CHIP
Data Sheet
Rev. 0 | Page 12 of 23
Figure 40. Output IP3 vs. Frequency for Various Temperatures,
POUT per Tone = 12 dBm, IDD = 700 mA
Figure 41. Output IP3 vs. Frequency for Various Supply Voltages (VDD),
POUT per Tone = 12 dBm
Figure 42. Drain Current (IDD) vs. Input Power over Various
Frequencies
Figure 43. Output IP3 vs. Frequency for Various Temperatures,
POUT per Tone = 12 dBm, IDD = 800 mA
Figure 44. Output Third-Order Intermodulation (IM3) vs. POUT per Tone for
Various Frequencies at VDD = 5 V
Figure 45. Output IM3 vs. POUT per Tone for Various Frequencies at
VDD = 4 V (Specifically Tested at Minimum Voltage)
45
0
5
25
20
40
15
10
30
35
20
22
24
32
30
28
26
34
36
38
40
42
44
FREQUENCY (GHz)
+85°C
+25°C
–55°C
45
0
5
25
20
40
15
10
30
35
20
22
24
32
30
28
26
34
36
38
40
42
44
FREQUENCY (GHz)
4.0V
5.0V
1400
500
600
900
1000
1200
1300
1100
700
800
INPUT POWER (dBm)
22GHz
26GHz
30GHz
34GHz
38GHz
42GHz
–5
–3
–1
1
3
5
7
9
11
13
15
17
19
45
0
5
25
20
40
15
10
30
35
20
22
24
32
30
28
26
34
36
38
40
42
44
FREQUENCY (GHz)
+85°C
+25°C
–55°C
80
10
40
60
20
30
50
70
10
14
8
12
16
18
20
POUT/TONE (dBm)
22GHz
26GHz
30GHz
34GHz
38GHz
42GHz
80
10
40
60
20
30
50
70
10
14
8
12
16
18
20
POUT/TONE (dBm)
22GHz
26GHz
30GHz
34GHz
38GHz
42GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com