Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 14 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 10Page - Analog Devices ADPA7002CHIP Datasheet HTML 11Page - Analog Devices ADPA7002CHIP Datasheet HTML 12Page - Analog Devices ADPA7002CHIP Datasheet HTML 13Page - Analog Devices ADPA7002CHIP Datasheet HTML 14Page - Analog Devices ADPA7002CHIP Datasheet HTML 15Page - Analog Devices ADPA7002CHIP Datasheet HTML 16Page - Analog Devices ADPA7002CHIP Datasheet HTML 17Page - Analog Devices ADPA7002CHIP Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADPA7002CHIP
Data Sheet
Rev. 0 | Page 14 of 23
CONSTANT DRAIN CURRENT (IDD) OPERATION
TA = 25°C, VDD = 5 V, IDD = 800 mA, for nominal operation, unless otherwise noted. Figure 48 through Figure 51 are biased with the
HMC980LP4E active bias controller. See the Biasing the ADPA7002CHIP with the HMC980LP4E section for biasing details.
Figure 48. Output P1dB vs. Frequency for Various Temperatures, Data
Measured with Constant Drain Current (IDD)
Figure 49. PSAT vs. Frequency for Various Temperatures, Data Measured
with Constant Drain Current (IDD)
Figure 50. Output P1dB vs. Frequency for Various Supply Currents, Data
Measured with Constant Drain Current (IDD)
Figure 51. PSAT vs. Frequency for Various Supply Currents Data Measured
with Constant Drain Current (IDD)
32
24
26
28
30
10
12
14
16
18
22
20
FREQUENCY (GHz)
+85°C
+25°C
–55°C
20
30
32
34
36
38
22
24
26
28
40
42
44
32
24
26
28
30
10
12
14
16
18
22
20
FREQUENCY (GHz)
20
30
32
34
36
38
22
24
26
28
40
42
44
+85°C
+25°C
–55°C
32
24
26
28
30
10
12
14
16
18
22
20
FREQUENCY (GHz)
600mA
700mA
800mA
900mA
20
30
32
34
36
38
22
24
26
28
40
42
44
32
24
26
28
30
10
12
14
16
18
22
20
FREQUENCY (GHz)
20
30
32
36
34
38
22
24
26
28
40
42
44
600mA
700mA
800mA
900mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com