Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 13 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 9Page - Analog Devices ADPA7002CHIP Datasheet HTML 10Page - Analog Devices ADPA7002CHIP Datasheet HTML 11Page - Analog Devices ADPA7002CHIP Datasheet HTML 12Page - Analog Devices ADPA7002CHIP Datasheet HTML 13Page - Analog Devices ADPA7002CHIP Datasheet HTML 14Page - Analog Devices ADPA7002CHIP Datasheet HTML 15Page - Analog Devices ADPA7002CHIP Datasheet HTML 16Page - Analog Devices ADPA7002CHIP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
ADPA7002CHIP
Rev. 0 | Page 13 of 23
Figure 46. Quiescent Drain Supply Current (IDQ) vs. Gate Voltage (VGG1)
Figure 47. VREF − VDET vs. Output Power at Various Temperatures,
Frequency = 32 GHz
GATE VOLTAGE (V)
1600
400
200
0
600
800
1000
1200
1400
1.0
0.001
0.01
0.1
OUTPUT POWER (dBm)
+85°C
+25°C
–55°C
0
10
12 14 16 18
2
4
6
8
20
22 24 26 28
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com