Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 23 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 15Page - Analog Devices ADPA7002CHIP Datasheet HTML 16Page - Analog Devices ADPA7002CHIP Datasheet HTML 17Page - Analog Devices ADPA7002CHIP Datasheet HTML 18Page - Analog Devices ADPA7002CHIP Datasheet HTML 19Page - Analog Devices ADPA7002CHIP Datasheet HTML 20Page - Analog Devices ADPA7002CHIP Datasheet HTML 21Page - Analog Devices ADPA7002CHIP Datasheet HTML 22Page - Analog Devices ADPA7002CHIP Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Data Sheet
ADPA7002CHIP
Rev. 0 | Page 23 of 23
OUTLINE DIMENSIONS
Figure 69. 22-Pad Bare Die [CHIP]
(C-22-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADPA7002CHIP
−55°C to +85°C
22-Pad Bare Die [CHIP]
C-22-3
ADPA7002C-KIT
−55°C to +85°C
22-Pad Bare Die [CHIP]
C-22-3
1
The ADPA7002C-KIT is a sample order of two devices.
0.080
1
3
5
8
17
20
4
6
7
10
11
12
14
15
18
19
22
21
9
16
2
13
* This die utilizes fragile air bridges. Any pickup tools used m ust not contact this area.
TOP VIEW
(CIRCU IT SIDE)
0.100
SIDE VIEW
2.750
1.805
*AIR BR IDGE
AR EA
0.578
0.782
0.204
0.578
0.782
0.204
0.010
0.200
0.010
0.110
0.120
0.080
0.432
0.458
0.302
0.459
0.319
0.111
0.219
0.112
0.178
0.095 × 0.195
(Pads 2 and 13)
0.145 × 0.094
(Pads 9 and 16)
0.095 × 0.095
(Pads 1, 4, 6-7,10-12,
14-15, 18-19 and 21)
0.075 × 0.075
(Pads 3, 5, 8, 17, 20 and 22)
©2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D17236-0-2/19(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com