Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 11 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 7Page - Analog Devices ADPA7002CHIP Datasheet HTML 8Page - Analog Devices ADPA7002CHIP Datasheet HTML 9Page - Analog Devices ADPA7002CHIP Datasheet HTML 10Page - Analog Devices ADPA7002CHIP Datasheet HTML 11Page - Analog Devices ADPA7002CHIP Datasheet HTML 12Page - Analog Devices ADPA7002CHIP Datasheet HTML 13Page - Analog Devices ADPA7002CHIP Datasheet HTML 14Page - Analog Devices ADPA7002CHIP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
ADPA7002CHIP
Rev. 0 | Page 11 of 23
Figure 34. POUT, Gain, PAE, and Drain Current (IDD) vs. Input Power,
Frequency = 34 GHz
Figure 35. POUT, Gain, PAE, and Drain Current (IDD) vs. Input Power,
Frequency = 42 GHz
Figure 36. Output IP3 vs. Frequency for Various Drain Currents (IDD),
POUT per Tone = 12 dBm
Figure 37. POUT, Gain, PAE, and Drain Current (IDD) vs. Input Power,
Frequency = 38 GHz
Figure 38. Power Dissipation (PDISS) vs. Input Power, TA = 85°C
Figure 39. Output IP3 vs. Frequency for Various Temperatures,
POUT per Tone = 12 dBm, IDD = 600 mA
0
5
15
25
30
35
10
20
1230
600
690
870
1050
1140
780
960
–5
–3
–1
3
5
7
9
11
13
15
1
17
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
0
5
15
25
40
10
20
1410
600
735
1005
1275
870
1140
–5
–3
–1
3
5
7
9
11
13
15
1
17
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
45
0
5
25
20
40
15
10
30
35
20
22
24
32
30
28
26
34
36
38
40
42
44
FREQUENCY (GHz)
700mA
600mA
800mA
0
5
15
25
30
35
40
10
20
1320
1230
600
690
870
1050
1140
780
960
–5
–3
–1
3
5
INPUT POWER (dBm)
7
9
11
13
15
1
17
POUT
GAIN
PAE
IDD
7
0
1
4
6
2
3
5
0
2
6
10
14
4
8
12
16
18
20
INPUT POWER (dBm)
22GHz
26GHz
30GHz
34GHz
38GHz
42GHz
MAX PDISS
45
0
5
25
20
40
15
10
30
35
20
22
24
32
30
28
26
34
36
38
40
42
44
FREQUENCY (GHz)
+85°C
+25°C
–55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com