Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 7 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 3Page - Analog Devices ADPA7002CHIP Datasheet HTML 4Page - Analog Devices ADPA7002CHIP Datasheet HTML 5Page - Analog Devices ADPA7002CHIP Datasheet HTML 6Page - Analog Devices ADPA7002CHIP Datasheet HTML 7Page - Analog Devices ADPA7002CHIP Datasheet HTML 8Page - Analog Devices ADPA7002CHIP Datasheet HTML 9Page - Analog Devices ADPA7002CHIP Datasheet HTML 10Page - Analog Devices ADPA7002CHIP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
ADPA7002CHIP
Rev. 0 | Page 7 of 23
TYPICAL PERFORMANCE CHARACTERISTICS
Where IDQ = quiescent drain supply current and IDD (drain current) = RF signal applied to IDQ.
Figure 10. Gain and Return Loss vs. Frequency
Figure 11. Gain vs. Frequency for Various Supply Voltages (VDD)
Figure 12. Input Return Loss vs. Frequency for Various Temperatures,
VDD = 5 V, IDQ = 600 mA
Figure 13. Gain vs. Frequency for Various Temperatures
Figure 14. Gain vs. Frequency for Various Quiescent Drain Supply Current (IDQ)
Figure 15. Input Return Loss vs. Frequency for Various Supply
Voltages (VDD)
15
–25
–20
0
–10
–5
–15
10
5
14
18 20
16
30 32 34 36 38
22 24 28
40 42 44 46 48
FREQUENCY (GHz)
S11
S21
S22
20
30
32
34
36
38
22
24
26
28
40
42
44
FREQUENCY (GHz)
20
0
2
4
6
8
16
12
14
10
18
4.0V
5.0V
0
–25
–10
–15
–20
–5
FREQUENCY (GHz)
+85°C
+25°C
–55°C
20
24
26
22
30
36
38
28
32
34
40
42
44
20
30
32
36
34
38
22
24
26
28
40
42
44
FREQUENCY (GHz)
+85°C
+25°C
–55°C
20
0
2
4
6
8
16
12
14
10
18
20
30
32
36
34
38
22
24
26
28
40
42
44
FREQUENCY (GHz)
600mA
700mA
800mA
0
–25
–10
–15
–20
–5
FREQUENCY (GHz)
5.0V
4.0V
20
24
26
22
30
36
38
28
32
34
40
42
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com