Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 19 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 15Page - Analog Devices ADPA7002CHIP Datasheet HTML 16Page - Analog Devices ADPA7002CHIP Datasheet HTML 17Page - Analog Devices ADPA7002CHIP Datasheet HTML 18Page - Analog Devices ADPA7002CHIP Datasheet HTML 19Page - Analog Devices ADPA7002CHIP Datasheet HTML 20Page - Analog Devices ADPA7002CHIP Datasheet HTML 21Page - Analog Devices ADPA7002CHIP Datasheet HTML 22Page - Analog Devices ADPA7002CHIP Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
ADPA7002CHIP
Rev. 0 | Page 19 of 23
Figure 59. Application Circuit using the HMC980LP4E with the ADPA7002CHIP
Figure 60. Application Circuit using the HMC980LP4E with the ADPA7002CHIP as an External Negative Voltage Source
VDRAIN
VGATE
HMC980LP4E
VDD
S0
C2
10nF
C2
100pF
C1
4.7µF
C5
10nF
C4
4.7µF
VDIG
3.3V TO 5V
VDRAIN
VNEG
R11
301Ω
R12
301Ω
R13
4.7kΩ
R14
10kΩ
VDD
S1
EN
ALM
VG2
VG2_CONT
C6
1µF
D1
C6
10µF
EN
VDD
5.51V
C9
100pF
C7
4.7µF
C8
1000pF
C10
100pF
C13
1000pF
C12
100pF
C11
100pF
C14
4.7µF
R10
250Ω
VDRAIN = 5V
VGATE
R15
867kΩ
R16
632kΩ
IDRAIN = 600mA
RFOUT
RFIN
ADPA7002CHIP
GND
VDET
VREF
VDD2A
VGG1
VDD2B
VDD2A
VGG1
VDD2B
VDD1
VDD1
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
10
11
12
23
22
21
20
19
24
DUAL
SCHOTTKY
VDRAIN
VGATE
HMC980LP4E
VDD
S0
C2
10nF
C3
100pF
C1
4.7µF
C5
10nF
C4
4.7µF
VDIG
3.3V TO 5V
VNEG
–1.5V
VDRAIN
VNEG
R11
301Ω
R12
301Ω
R13
4.7kΩ
R14
10kΩ
VDD
S1
EN
ALM
VG2
VG2_CONT
EN
VDD
6.68V
C9
100pF
C7
4.7µF
C8
1000pF
C10
100pF
C13
1000pF
C12
100pF
C11
100pF
C14
4.7µF
R10
188Ω
VDRAIN = 5V
VGATE
R15
732kΩ
R16
632kΩ
IDRAIN = 800mA
RFOUT
RFIN
ADPA7002CHIP
GND
VDET
VREF
VDD2A
VGG1
VDD2B
VDD2A
VGG1
VDD2B
VDD1
VDD1
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
10
11
12
23
22
21
20
19
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com