Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002CHIP Datasheet(PDF) 18 Page - Analog Devices

Part # ADPA7002CHIP
Description  GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002CHIP Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPA7002CHIP Datasheet HTML 14Page - Analog Devices ADPA7002CHIP Datasheet HTML 15Page - Analog Devices ADPA7002CHIP Datasheet HTML 16Page - Analog Devices ADPA7002CHIP Datasheet HTML 17Page - Analog Devices ADPA7002CHIP Datasheet HTML 18Page - Analog Devices ADPA7002CHIP Datasheet HTML 19Page - Analog Devices ADPA7002CHIP Datasheet HTML 20Page - Analog Devices ADPA7002CHIP Datasheet HTML 21Page - Analog Devices ADPA7002CHIP Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADPA7002CHIP
Data Sheet
Rev. 0 | Page 18 of 23
BIASING PROCEDURES
The ADPA7002CHIP is a GaAs, pHEMT, MMIC power amplifier.
Capacitive bypassing is required for all VGGx and VDDx pads (see
Figure 54). The internal connections of the bypass capacitors are
shown in Figure 56.
VGG1 and VGG2are gate bias pads. VDD2A and VDD3A are drain bias
pads for the first stage. VDD2B and VDD3B are drain bias pads for the
second stage. VDD1and VDD2are drain bias pads for the third stage.
All measurements for this device are taken using the typical
application circuit (see Figure 54) and configured as shown in the
assembly diagram (see Figure 53).
Adhere to the following bias sequence during power-up:
1.
Connect GND to RF and dc ground.
2.
Set the VGG1 and VGG2 voltage to −2 V.
3.
Set all the drain bias voltages, VDDX = 5 V.
4.
Increase the gate bias voltage to achieve a quiescent current,
IDQ = 600 mA.
5.
Apply the RF signal.
Adhere to the following bias sequence during power-down:
1.
Turn off the RF signal.
2.
Decrease the gate bias, VGG1, and VGG2 voltages to −2 V to
achieve IDQ = 0 mA (approximately).
3.
Decrease all drain bias voltages to 0 V.
4.
Decrease the gate bias voltage to 0 V.
Simplified bias pad connections to dedicated gain stages, as well as
dependence and independence among pads are shown in
Figure 54.
Table 5. Power Selection Table1,2
IDQ
(mA)
Gain
(dB)
P1dB
(dBm)
Output IP3
(dBm)
PDISS
(W)
VGG (V)
600
17.2
30.04
40.6
3
−0.73
700
17.7
30.24
38.7
3.5
−0.67
800
18.0
30.25
37.0
4
−0.62
1 Data taken at the following nominal bias conditions: VDD = 5 V, TA = 25°C.
2 Adjust VGG1 and VGG2 from −2 V to 0 V to achieve the desired drain current.
The VDD = 5 V and IDQ = 600 mA bias conditions are recommended
to optimize overall performance. Unless otherwise noted, the data
shown in the Typical Performance Characteristics section is
taken using the recommended bias conditions. Operating the
ADPA7002CHIP at different bias conditions can provide
performance that differs from what is shown in Table 1 and Table 2.
Biasing the ADPA7002CHIP for higher drain current typically
results in higher P1dB, output IP3, and signal gain at the expense of
increased power consumption (see Table 5 for bias selection per
performance).
BIASING THE ADPA7002CHIP WITH THE
HMC980LP4E
The HMC980LP4E is an active bias controller that is designed to
meet the bias requirement for enhancement mode and depletion
mode amplifiers like the ADPA7002CHIP. The HMC980LP4E
provides constant current biasing over temperature and device to
device variation. Additionally, the HMC980LP4E properly
sequences gate and drain voltages to ensure safe amplifier
operation, and offers self protection in the event of a short circuit.
The active bias controller contains an internal charge pump that
generates negative voltage that is needed for the ADPA7002CHIP
gate and that can also be used as an external negative voltage
source.
For more information regarding the usage of HMC980LP4E, refer
to the HMC980LP4E data sheet and the AN-1363 application note.
Figure 58. Functional Diagram of HMC980LP4E
Application Circuit Setup
Figure 59 shows a schematic of an application circuit of the
HMC980LP4E used with the ADPA7002CHIP. Refer to Figure 60
for an application circuit diagram if using external negative supply
for the VNEG pin.
In the application circuit, the ADPA7002CHIP drain voltage and
drain current are set by the following equations:
VDRAIN (5 V) = VDD (5.68 V) – IDRAIN (800 mA) × 0.85 Ω
IDRAIN = 150 Ω × R10 (187 Ω)
where:
VDD is the supply voltage to the HMC980LP4E.
IDRAIN is the output current from Pin 17 and Pin 18 on the
HMC980LP4E.
Limiting VGATE to Meet ADPA7002CHIP VGGx AMR
Requirement
When using the ADPA7002CHIP with the HMC980LP4E, the
minimum voltages for VNEG and VGATE need to be limited to
−1.5 V to keep them within the absolute maximum ratings (AMR)
limit for the ADPA7002CHIP VGGx pad. This is accomplished by
setting the R15 resistor and the R16 resistor to the values shown in
Figure 59 and Figure 60. Refer to the AN-1363 application note for
more information and calculations for R15 and R16.
VDD
VDD
S0
S1
EN
ALM
VDRAIN
VDRAIN
VGATE
GATE
CONTROL
VNEG
VG2
VG2_CONT
PACKAGE
BASE
HMC980LP4E
CONTROL
BLOCK
BAND GAP
NEGATIVE
VOLTAGE
GENERATOR
GND
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
10
11
12
23
22
21
20
19
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com