Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 9 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 9 Page - ams AG

Back Button AS3900 Datasheet HTML 5Page - ams AG AS3900 Datasheet HTML 6Page - ams AG AS3900 Datasheet HTML 7Page - ams AG AS3900 Datasheet HTML 8Page - ams AG AS3900 Datasheet HTML 9Page - ams AG AS3900 Datasheet HTML 10Page - ams AG AS3900 Datasheet HTML 11Page - ams AG AS3900 Datasheet HTML 12Page - ams AG AS3900 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
9 - 59
AS3900
Data Sheet - Electrical Characteristics
6.1 Electrical System Specification
6.1.1
Table 4. General
Symbol
Parameter
Condition
Min
Typ
Max
Units
General
6.1.2
Table 5. Modulation Method
Symbol
Parameter
Condition
Min
Typ
Max
Units
Modulation Method
6.1.3
Table 6. Transmission Frame
Symbol
Parameter
Condition
Min
Typ
Max
Units
Transmission Frame
VDD
Supply voltage
operational
2.2
3.0
3.6
V
VDD
Supply voltage
functional
2.0
V
Modulation
FSK
Frequency range
27.12 MHz ISM Band
±163 kHz
26.957
MHz
27.283
BR
Bit rate
Values derived from 27.12 MHz
26.5
kbit/s
53
kbit/s
106
kbit/s
212
kbit/s
FDev
Frequency deviation
Values derived from 27.12 MHz
±53
kHz
±106
TFS
Transmission Frame Size
Minimum Frame Size
9
bytes
Maximum Frame Size
32
TPre
Preamble
16
bits
TAddr
Address
24
bits
TDataL
Data Length Indicator
8
bits
TSynch
Synchronization
8
bits
TPayI
Transmission Frame Payload
Minimum Payload
0
bytes
Maximum Payload
26
CRC16
CRC-CCITT (CRC-16)
16
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com