Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 19 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 19 Page - ams AG

Back Button AS3900 Datasheet HTML 15Page - ams AG AS3900 Datasheet HTML 16Page - ams AG AS3900 Datasheet HTML 17Page - ams AG AS3900 Datasheet HTML 18Page - ams AG AS3900 Datasheet HTML 19Page - ams AG AS3900 Datasheet HTML 20Page - ams AG AS3900 Datasheet HTML 21Page - ams AG AS3900 Datasheet HTML 22Page - ams AG AS3900 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
19 - 59
AS3900
Data Sheet - Detail ed Description
8.4.1 SDI Operation Mode Bits
In general there are 3 modes that can be selected by A7 and A6. A5 to A0 contains the register address of the selected register. D7 to D0 contain
one byte that can be written or read from the selected address. A Write and Read cycle can be covered with 2 bytes, a Command cycle within 1
byte operation. An Enable LOW pulse indicates the end of all possible modes.
Table 14. SDI Operation Patterns
Mode
Mode Pattern
Mode related Data
Mode
Register Address
Register Data
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
8.4.2 Writing of Data to Addressable Registers (WRITE Mode)
DATAI is sampled at the falling edge of SCLK as shown in the following diagrams. An Enable LOW pulse indicates the end of the WRITE
command after register has been written. The following example shows a write command.
Figure 14. Writing of a Single Byte (falling edge sampling)
Due to the limited range of the Register Address of 6 bits (A5 to A0), only the register 0x00 to 0x3F are directly addressable. All other registers
(0x3F to 0x51 in the MAIN register) can only be accessed via the auto-incrementing Write cycle. The auto-incrementing Write cycle can be
applied by remaining SEN to HIGH and providing further clock cycles on SCLK (falling edges).
Figure 15. Writing of Register Data with Auto-incrementing Address
Write Mode
0
0
xx
xx
xxx
xx
xx
xx
x
Read Mode
0
1
x
x
x
x
x
x
RD7 RD6 RD5 RD4 RD3 RD2 RD1 RD0
Spare Mode
1
0
Command Mode
1
1
C5
C4
C3
C2
C1
C0






!

""
#"
$

%

""
"

&'
(
) "
* 
+
&'
(




! " #

$ %% #&
&
&# %
# $
'(
)
* %
#&
+
# ,
'(
)

! " -# .

! "

!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com