Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 39 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 39 Page - ams AG

Back Button AS3900 Datasheet HTML 35Page - ams AG AS3900 Datasheet HTML 36Page - ams AG AS3900 Datasheet HTML 37Page - ams AG AS3900 Datasheet HTML 38Page - ams AG AS3900 Datasheet HTML 39Page - ams AG AS3900 Datasheet HTML 40Page - ams AG AS3900 Datasheet HTML 41Page - ams AG AS3900 Datasheet HTML 42Page - ams AG AS3900 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
39 - 59
AS3900
Data Sheet - Detail ed Description
8.9.2 Shadow Register Bank (ADDRESS 0x00 bit<0>=1)
Table 37. Shadow Register Bank (ADDRESS 0x00 bit<0>=1)
Register Address
7
6
5
4
3
2
1
0
8.9.3 Detailed Description
The complete register map is divided into 2 maps. The MAIN register consists of 82 bytes and the SHADOW register of 22 register. The MAIN
register can be accessed by clearing the bank bit in REG 0x00<0> or via the direct command MAIN_BANK. The SHADOW register can be
accessed by setting the bank bit in REG 0x00<0> or via the direct command SHADOW_BANK. All bytes are readable and writable via the SDI
interface in Client and Master mode.
Note: It is important to note, that the REG 0x3F to 0x51 in the MAIN register are only accessible by auto-incrementing the address. All other
registers are directly addressable.
0x08 - 0x0A
dprom<23:0>
0x0B
reserved
0x0C
cyctim0<2:0>
rndpt0<4:0>
0x0D
cyctim1<2:0>
rndpt1<4:0>
0x0E
cyctim2<2:0>
rndpt2<4:0>
0x0F
cyctim3<2:0>
rndpt3<4:0>
0x10
cyctim4<2:0>
rndpt4<4:0>
0x11
cyctim5<2:0>
rndpt5<4:0>
0x12
cyctim6<2:0>
rndpt6<4:0>
0x13
cyctim7<2:0>
rndpt7<4:0>
0x14
reserved
ces1<2:0>
reserved
ces0<2:0>
0x15
reserved
ces3<2:0>
reserved
ces2<2:0>
0x16
reserved
ces5<2:0>
reserved
ces4<2:0>
0x17
reserved
ces7<2:0>
reserved
ces6<2:0>
0x18 - 0x1D
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com