Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 45 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 45 Page - ams AG

Back Button AS3900 Datasheet HTML 41Page - ams AG AS3900 Datasheet HTML 42Page - ams AG AS3900 Datasheet HTML 43Page - ams AG AS3900 Datasheet HTML 44Page - ams AG AS3900 Datasheet HTML 45Page - ams AG AS3900 Datasheet HTML 46Page - ams AG AS3900 Datasheet HTML 47Page - ams AG AS3900 Datasheet HTML 48Page - ams AG AS3900 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
45 - 59
AS3900
Data Sheet - Detail ed Description
0x21
reserved
[7:6]
R/W
reserved
f200
[5]
Filter upper frequency limit selection from 165kHz to 210kHz. Need to be
manually set if datarate is set to 212kbps for Master and Client.
0
Datarate less than 212 kbit/sec
1
Datarate 212 kbit/sec
bat<1:0>
[4:3]
Battery level with hysteresis of ±40mV for Master and Client
00
Threshold 2.0V
01
Threshold 2.2V
10
Threshold 2.4V
11
Threshold 2.6V
singl
[2]
Disables second output driver and shorts pin RF2OUT to GND for Master
and Client
0
Disabled
1
Enabled
half
[1]
Power Amplifier Output Impedance at pin RF1OUT and RF2OUT
0
Output Impedance is 12.5
Ω
1
Output Impedance is 25.0
Ω
fzero
[0]
Forces both Power Amplifier Outputs to GND. The short also happens
automatically during OOK modulation in the signal OFF period.
0
Disabled
1
Enabled
0x22
reserved
[7:0]
R
reserved
Table 38. Main Register Bank (ADDRESS 0x00 bit<0>=0)
Address
Register Name
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com