Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 49 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 49 Page - ams AG

Back Button AS3900 Datasheet HTML 45Page - ams AG AS3900 Datasheet HTML 46Page - ams AG AS3900 Datasheet HTML 47Page - ams AG AS3900 Datasheet HTML 48Page - ams AG AS3900 Datasheet HTML 49Page - ams AG AS3900 Datasheet HTML 50Page - ams AG AS3900 Datasheet HTML 51Page - ams AG AS3900 Datasheet HTML 52Page - ams AG AS3900 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
49 - 59
AS3900
Data Sheet - Detail ed Description
8.9.3.2 Shadow Register Bank (ADDRESS 0x00 bit<0>=1)
0x38
dbuf<207:0>
[7:0]
R/W
Payload Data (max 26 bytes)
MSB of the Payload Data is always dbuf<207> (REG 0x38<7>)
0x39
0x3A
0x3B
0x3C
0x3D
0x3E
0x3F
R/W
(only
accessible
with auto-
incrementi
ng routine)
0x40
0x41
0x42
0x43
0x44
0x45
0x46
0x47
0x48
0x49
0x4A
0x4B
0x4C
0x4D
0x4E
0x4F
0x50
0x51
Table 39. Shadow Register Bank (ADDRESS 0x00 bit<0>=1)
Register
Name
Bit
Type
Description
0x08
dprom<31:8>
[7:0]
R/W
Physical PolyProm register<31:8> in the PPROM block
Initial device ID, stored into location id0<23:0> after hardware
POR or direct command PROM_FUSE, PROM_LOAD,
PROM_COPY, CHIP_RESET.
0x09
0x0A
0x0B
reserved
[7:0]
R
reserved
Table 38. Main Register Bank (ADDRESS 0x00 bit<0>=0)
Address
Register Name
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com