Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 32 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 32 Page - ams AG

Back Button AS3900 Datasheet HTML 28Page - ams AG AS3900 Datasheet HTML 29Page - ams AG AS3900 Datasheet HTML 30Page - ams AG AS3900 Datasheet HTML 31Page - ams AG AS3900 Datasheet HTML 32Page - ams AG AS3900 Datasheet HTML 33Page - ams AG AS3900 Datasheet HTML 34Page - ams AG AS3900 Datasheet HTML 35Page - ams AG AS3900 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
32 - 59
AS3900
Data Sheet - Detail ed Description
Table 28. Communication
Step
Master
Client
1
All Timers are enabled at the Master via the REG
0x01<7:0>. The Master starts the Wakeup procedure as
described in chapter 11.4.
When the wakeup call is finished the Master switches
automatically the FSK receiver on for 1sec. During this
listening time, the Clients transmit randomly their first data.
With the first data all timing information is exchanged and
stored in the master’s timing table in SREG 0x0C to 0x13.
2
The Client timer is enabled via the REG 0x01<0>. MCU writes the
data into the dbuf register REG 0x38 to 0x51 and the payload data
length to the dlen register REG 0x37<4:0> via SDI. This has to be
performed in the time window between the finish of the last
communication and before next.
3
The enabled timer starts the transmit sequence and the interrupt
txstart is set. When the ID is transmitted (at the start of transmit) the
synchronization pulse is sent to the timing unit to start the new time
interval (cycle time)
4
The timing system, dedicated to each client in the master’s
timing table, wakes up the FSK receiver from the Sleep
Mode before the expected receive time expires (with guard
time, all timer interrupts are active). The guard time
depends on the previous history of communication and is
adjusted automatically. The receive window is defined by
the dedicated bitrate and the payload data length dlen.
5a
ACK
Master receives the data from the client; after the ID is
received it is compared with the ID of the expected client
(defined ID and timing unit). If the ID is matching the
synchronization pulse is given to the timing block to
perform the timing synchronization. The ID is shifted to the
id_new registers REG 0x34 to 0x36, data length is stored
in the dlen bits, REG 0x37<4:0> and data is shifted to the
dbuf register, REG 0x38 to 0x51. At the end of the data
packet the interrupt dat_rtx is generated. One 32kHz clock
cycle after the final data is received the master is switched
from the receive mode to the transmit mode in order to start
an ACK transmission. After the end of ACK transmission
the system is powered down (only timer units running). The
communication error counter (cesX) for the according
Client is cleared.
6a
ACK
One 32kHz clock cycle after end of the data transmission the Client
switches to receive mode awaiting ACK. The wait duration is defined
by the datarate. After ACK is received the interrupt ack_rtx is set and
the IC is powered down. The next data communication is started
automatically with the next timer iteration. The communication runs
until the timer0 is cleared via the command CLEAR_TIMER0. The
communication error counter (ces0) is cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com