Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 54 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 54 Page - ams AG

Back Button AS3900 Datasheet HTML 50Page - ams AG AS3900 Datasheet HTML 51Page - ams AG AS3900 Datasheet HTML 52Page - ams AG AS3900 Datasheet HTML 53Page - ams AG AS3900 Datasheet HTML 54Page - ams AG AS3900 Datasheet HTML 55Page - ams AG AS3900 Datasheet HTML 56Page - ams AG AS3900 Datasheet HTML 57Page - ams AG AS3900 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
54 - 59
AS3900
Data Sheet - Detail ed Description
In differential mode peak is equal to VDD, in single ended mode peak is equal to VDD/2.
Note: It is important to note that the overall emitted power of the PA is mainly defined by the VDD and the impedance of the antenna itself.
The Rout of the PA gives only a minor change to the emitted power.
Figure 26. Power Amplifier
The following example demonstrates the calculation of impedance of the antenna and matching network (RANT+MATCH) for a specified output
power:
Conditions: VDD= 3V, Differential output mode, 10dBm is the desired output power.
Ω
=
⎟
⎠
⎞
⎜
⎝
⎛
−
=
⎟
⎠
⎞
⎜
⎝
⎛
Δ
−
=
=
=
=
+
+
420
10
2
1
.
0
3
2
10
10
)
(
2
2
2
10
)
(
mW
V
V
P
U
VDD
P
U
R
mW
mW
P
RMS
MATCH
ANT
MATCH
ANT
dBm
P
8.10.6 RSSI
The AS3900 has an integrated received signal strength indication field (RSSI) that can be used by the Master to identify the signal strength to all
available Clients. If this block is turned on via the rssi_on bit in REG 0x20<3>, the actual signal strength can be read from REG 0x23<3:0>. The
rssi field provides a digital value for signal strength between 0µVrms and 150µVrms.
The rssi field is valid for the Client that communicates currently with the Master, which can be identified via the sid in REG 0x33<2:0>.
VDD
GND
Rout/2
VDD
GND
Rout/2
RF1OUT
RF2OUT
R
DIFFERENTIAL
+VDD
t
-VDD
GND
SINGLE ENDED
+VDD
t
GND
Û
Û
ANT+MATCH
UANT+MATCH
UANT+MATCH
U/2
U/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com