Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 24 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 24 Page - ams AG

Back Button AS3900 Datasheet HTML 20Page - ams AG AS3900 Datasheet HTML 21Page - ams AG AS3900 Datasheet HTML 22Page - ams AG AS3900 Datasheet HTML 23Page - ams AG AS3900 Datasheet HTML 24Page - ams AG AS3900 Datasheet HTML 25Page - ams AG AS3900 Datasheet HTML 26Page - ams AG AS3900 Datasheet HTML 27Page - ams AG AS3900 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
24 - 59
AS3900
Data Sheet - Detail ed Description
Note: It is important to note that the enabling/disabling of the timers via REG 0x01<7:0> require a double readout of the interrupts REG 0x2A,
0x2B to release the IRQ line again.
8.4.7 Microcontroller Clock Interface
The output frequency is derived from the 27MHz crystal oscillator. The division ratio is defined by register settings. To enable or disable the clock
output set the Clock Mode register bit. Additional different operation modes for the output could be set by Clock Mode register bits. For more
information on the operation modes of the clock output see Table 20. Clock Interface Modes.
Table 19. Clock Interface Electrical Description
Name
Signal
Signal Level
Description
Table 20. Clock Interface Modes
#
Mode
Mode (bit)
Clock Mode Description
CM7
CM6
Table 21. Clock Division Ratios
Division ratio
Pattern (com. bits)
Mode Description
mcdr[3]
mcdr[2]
mcdr[1]
mcdr[0]
Derived from 27.12MHz
MCU_CLK
Buffered Digital Output
CMOS
Buffered slope controlled clock output Maximum
Load = 50pF
1
MCUclk_Off
0
0
No clock is provided to pin MCU_CLK. Output Level is set to LOW.
2
MCUclk_32K
0
1
32kHz is always provided to pin MCU_CLK except in POWER DOWN
Mode
3
MCUclk_27M
1
0
A division ratio of 27MHz is provided to pin MCU_CLK in all active modes
except in SLEEP and POWER DOWN Mode. For division ratio (see Clock
Division Ratios)
4
MCUclk_32K/27M
1
1
In active modes (RX or TX active) a division ratio of 27MHz is provided to
pin MCU_CLK. In SLEEP Mode 32kHz is set. POWER DOWN Mode
switches off the MCU_CLK output.
8
000
0
3.39MHz
12
000
1
2.26MHz
12
001
0
2.26MHz
18
001
1
1.50MHz
16
010
0
1.69MHz
24
010
1
1.13MHz
24
011
0
1.13MHz
36
011
1
753kHz
32
100
0
847kHz
48
100
1
565kHz
48
101
0
565kHz
72
101
1
376kHz
64
110
0
423kHz
96
110
1
281kHz
96
111
0
281kHz
144
1
1
1
1
188kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com