Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 35 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 35 Page - ams AG

Back Button AS3900 Datasheet HTML 31Page - ams AG AS3900 Datasheet HTML 32Page - ams AG AS3900 Datasheet HTML 33Page - ams AG AS3900 Datasheet HTML 34Page - ams AG AS3900 Datasheet HTML 35Page - ams AG AS3900 Datasheet HTML 36Page - ams AG AS3900 Datasheet HTML 37Page - ams AG AS3900 Datasheet HTML 38Page - ams AG AS3900 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
35 - 59
AS3900
Data Sheet - Detail ed Description
Figure 24. Pairing Clients via Longscan
Table 29. Scan / Reconnect / Pair Clients
Step
Master
Client
1
The Master opens the LNA Receive Window for 1s via the
command SCAN. This Window can be prolonged by setting
bit longscan in REG 0x03<6>. The timers for the Clients need
to be enabled via the REG 0x01<7:0>.
2
The Client timer is enabled via the REG 0x01<0> and continuously
send packets based on its time base. The communication error
counter need to be disabled, otherwise the Client timer would stop.
The Client transmit one packet via the command TRANSMIT.
3a
Master verifies the received client ID by comparing it to its ID
list REG 0x08-0x1F. If the ID was found, the internal timing
system for this Client is started (immediately after the ID is
received) with the cycl_time and random pointer rndpt,
received from the Client. If the CRC is correct, the ACK is
sent back to signal the Client that it has been accepted.
Interrupt dat_rtx is set and the MCU could read the data.
4a
After the data is transmitted the Client enters the receive mode for
the dedicated time (datarate x 3byte). If ACK was received the
interrupt ack_rtx is generated and the transmit command is
terminated.
RECEIVE
TRANSMIT
TRANSMIT
longscan set
TRANSMIT
CLIENT1
TX
TX
TX
TX
CLIENT2
CLIENT8
MASTER
RX
RX
RX
RX
TRANSMIT
REC
TRANSMIT
TRANSMIT
REC
REC
REC
REC
REC
ack_rtx
wrong_id
ack_rtx
wrong_id
ack_rtx
wrong_id
scan_end
nak_rtx
ack_rtx
nak_rtx
ack_rtx
nak_rtx
ack_rtx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com