Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 13 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 13 Page - ams AG

Back Button AS3900 Datasheet HTML 9Page - ams AG AS3900 Datasheet HTML 10Page - ams AG AS3900 Datasheet HTML 11Page - ams AG AS3900 Datasheet HTML 12Page - ams AG AS3900 Datasheet HTML 13Page - ams AG AS3900 Datasheet HTML 14Page - ams AG AS3900 Datasheet HTML 15Page - ams AG AS3900 Datasheet HTML 16Page - ams AG AS3900 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
13 - 59
AS3900
Data Sheet - Ty pical Operating Characteristi c s
7 Typical Operating Characteristics
Figure 3. Blocking of Interferer vs Frequency
(DR=106kbps, f_dev=106kHz)
Figure 4. Blocking of Interferer vs Frequency
(DR=53kbps, f_dev=106kHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
-1000
-750
-500
-250
0
250
500
750
1000
f(kHz) =f
carrier(kHz) - finterferer(kHz)
UnmodulatedInterferer
ModulatedInterferer
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
-1000
-750
-500
-250
0
250
500
750
1000
f(kHz) = f
carrier(kHz) - finterferer(kHz)
Unmodulat ed Int erf erer
Modulat ed Int erf erer
Figure 5. Supply Current vs. Impedance of Antenna+Matching
Network (PA=differential, Rout=12.5Ohm, cont. Tx)
Figure 6. Output Power vs. Impedance of Antenna+Matching
Network (PA=differential, Rout=12.5Ohm, cont. Tx)
5
10
15
20
25
30
35
0
200
400
600
800
1000
R Antenna + Matching Network (Ohm)
VDD=2.7V
V DD=3.0V
VDD=3.1V
V DD=3.6V
5,0
7,0
9,0
11,0
13,0
15,0
17,0
0
200
400
600
800
1000
R Antenna + Matching Network (Ohm)
VDD=2.7V
V DD=3.0V
VDD=3.1V
V DD=3.6V
Figure 7. Output Power vs. Supply Voltage
(PA=differential,
R Ant+Matching=422Ohm, cont. Tx)
Figure 8. Output Power vs. Supply Voltage
(PA=single ended,
R Ant+Matching=422Ohm, cont. Tx)
0
2
4
6
8
10
12
14
2,0
2,2
2,4
2,6
2,8
3,0
3,2
3,4
3,6
Supply Voltage (V)
Rout=12.5Ohm
Rout=25Ohm
0
2
4
6
8
10
12
14
2,02,2
2,42,6
2,83,0
3,23,4
3,6
Supply Voltage (V)
Rout=12.5Ohm
Rout=25Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com